Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 37 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 37 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
37
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Command
VIN_ON
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
250mV/LSB
Default Value
0
0
0
0
0
0
0
0
0
0
0
0
1
1
0
0
The value is unsigned, and 1LSB = 250mV. The default value is 3V, which is 0x000C.
VIN_OFF (36h)
The VIN_OFF command sets the value of the input voltage (in V) at which the converter should stop
power conversion once operation has started. The VIN_OFF value can be set between 2.75V and
14.75V with a 0.25V increment. The VIN_OFF value should be always set below the VIN_ON value,
with enough margin so that there is no bouncing between VIN_OFF and VIN_ON during power
conversion.
Command
VIN_OFF
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
250mV/LSB
Default Value
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
1
The value is unsigned, and 1LSB = 250mV. The default value is 2.75V, which is 0x000B.
OT_FAULT_LIMIT (4Fh)
The OT_FAULT_LIMIT configures or reads the threshold for over-temperature (OT) fault detection. If
the measured temperature exceeds this value, an OT fault is triggered, the OT fault flags are set in the
STATUS BYTE (78h) and STATUS_WORD (79h), respectively, and the ALT# signal is asserted. After
the measured temperature falls below the value in this register, the MOSFET may be switched back on
with the OPERATION command when the part works in latch-off mode. The minimum temperature fault
detection time should be shorter than 20ms. The temperature ranges from 0°C to +255°C.
If an OT fault occurs when the temperature exceeds this register value, the part implements auto-retry
when the temperature drops below 20°C of this register value.
Command
OT_FAULT_LIMIT
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R/
W
R/
W
R/
W
R/
W
R/
W
R/
W
R/
W
R/
W
Function
X
1°C/LSB
Default
Value
0
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
The value is unsigned, and 1LSB = 1°C. The default value is 0091h. The corresponding value is 145°C.
The OT_FAULT_LIMIT setting value should be below 160°C. If the OT_FAULT_LIMIT value is above
160oC, the register value is neglected, and the MP8796B enters thermal shutdown when the junction
temperature reaches 160°C.
Table 5 shows the relationship between direct values and real-world values.
Table 5: Direct Value vs. Real-World Value
Direct Value
Real-World Value (°C)
0000 0000
0
0000 0001
+1
1111 1111
+255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com