Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
7
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TJ = -40°C to +125°C(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
VIN Supply Current
Supply current (quiescent)
IIN
VCTRL = 0V
2.5
4
mA
MOSFET
RDS(ON)
RONHS
4.4
mΩ
RONLS
1.5
Switch leakage
SWLKG_HS
SW = 0V
0.1
10
μA
SWLKG_LS
SW = 12V
1
20
Output Current Limit
Output current limit (inductor
valley)
ILIM_VALLEY
D7h = 0x14
27
30
33
A
Min output current limit
(inductor valley) programmable
value (6)
ILIM_VALLEY_MIN
1.5
A
Max output current limit
(inductor valley) programmable
value
ILIM_VALLEY_MAX
36
40
44
A
Min output over-current
programmable value (6)
ILIM_DC_MIN
3
A
Min output over-current warning
programmable value (6)
3
A
Low-side negative current limit
in OVP
ILIM_NEG_OVP
D5h[2] = 1b’0
-13
A
D5h[2] = 1b’1
-20
A
Low-side negative current limit
in OSM (6)
ILIM_NEG_OSM
-10
A
Frequency and Timer
Switching frequency (6)
fSW
VO = 1V, IO = 0A, TA = 25°C,
(D2h[2:1] = 2b’00)
280
400
520
kHz
VO = 1V, IO = 0A, TA = 25°C,
(D2h[2:1] = 2b’01)
480
600
720
kHz
VO = 1V, IO = 0A, TA = 25°C,
(D2h[2:1] = 2b’10)
680
800
920
kHz
VO = 1V, IO = 0A, TA = 25°C,
(D2h[2:1] = 2b’11)
850
1000
1150
kHz
Minimum on time (6)
tON_MIN
fSW = 1000kHz, VO = 0.6V
50
ns
Minimum off time (6)
tOFF_MIN
VFB = 580mV
220
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com