Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 27 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 27 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 23Page - Monolithic Power Systems MP8796B Datasheet HTML 24Page - Monolithic Power Systems MP8796B Datasheet HTML 25Page - Monolithic Power Systems MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
27
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PMBUS INTERFACE
PMBus Serial Interface Description
The power management bus (PMBus) is an
open-standard power management protocol
that defines a means of communication with
power conversion and other devices.
The PMBus is a two-wire, bidirectional, serial
interface, consisting of a data line (SDA) and a
clock line (SCL). The lines are pulled to a bus
voltage externally when they are idle. When
connecting to the lines, a master device
generates an SCL signal and device address,
then arranges the communication sequence.
This is based on I2C operation principles. The
MP8796B is a PMBus slave that supports
standard mode (100kHz) and fast mode
(400kHz and 1000kHz). The PMBus interface
adds flexibility to the power supply solution.
Slave Address
To support the use of multiple MP8796B
devices on the same PMBus, use the ADDR pin
to program the slave address for each
MP8796B device. There is 10µA of current
flowing out of ADDR. Connect a resistor
between ADDR and AGND to set the ADDR
voltage. The internal ADC converts the pin
voltage to set the PMBus address. A maximum
of 32 addresses can be set via the ADDR pin.
Table 3 shows the PMBus address for different
resistor values from ADDR to AGND. Preset
Register MFR_ADDR_PMBUS (D3h) to set the
PMBus address.
For multi-phase configurations, the slave
phases can share the same address as the
masters or have different addresses, based on
the application requirements. The slave phases
can only accept write (W) commands, and
cannot accept read (R) commands from the
PMBus master. The master phase can accept
both write and read commands from the PMBus
master.
Start and Stop Conditions
The start (S) and stop (P) conditions are
signaled by the master device, which signifies
the beginning and end of the PMBus transfer. A
start condition is defined as the SDA signal
transitioning from high to low while the SCL is
high. A stop condition is defined as the SDA
signal transitioning from low to high while the
SCL is high (see Figure 10).
Table 3: PMBus Address vs. ADDR Resistor
RADDR
(kΩ)
Slave Address
(R_IREF =
60.4kΩ)
Slave Address
(R_IREF =
180kΩ)
4.99
30h
40h
15
31h
41h
24.9
32h
42h
34.8
33h
43h
45.3
34h
44h
54.9
35h
45h
64.9
36h
46h
75
37h
47h
84.5
38h
48h
95.3
39h
49h
105
3Ah
4Ah
115
3Bh
4Bh
124
3Ch
4Ch
133
3Dh
4Dh
147
3Eh
4Eh
154
3Fh
4Fh
The master then generates the SCL clocks and
transmits the device address and the read/write
direction bit (R/W) on the SDA line. Data is
transferred in 8-bit bytes by the SDA line. Each
byte of data is followed by an acknowledge
(ACK) bit.
PMBus Update Sequence
The MP8796B requires a start condition, a valid
PMBus address, a register address byte, and a
data byte for a single data update. The
MP8796B acknowledges the receipt of each
byte by pulling the SDA line low during the high
period of a single clock pulse. A valid PMBus
address selects the MP8796B. The MP8796B
then performs an update on the falling edge of
the LSB byte.
Protocol Usage
All PMBus transactions on the MP8796B are
done using defined bus protocols. The following
protocols are implemented:
•
End byte with PEC
•
Receive byte with PEC
•
Write byte with PEC
•
Read byte with PEC
•
Write word with PEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com