Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 41 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 41 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
MP8796B – 16V, 30A, SYNC STEP-DOWN CONVERTER WITH PMBUSTM
MP8796B Rev 1.0
www.MonolithicPower.com
41
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
[10]
RESERVED
0
Always read as 0.
[9]
RESERVED
0
Always read as 0.
[8]
UNKNOWN
Latched
0
0: No other fault has occurred
1: A fault type not specified in bit[15:1] of STATUS_
WORD has been detected.
Low
Byte
STATUS_BYTE
STATUS BYTE is the low byte of STATUS WORD.
STATUS_VOUT (7Ah)
The STATUS_VOUT command returns one data byte with contents as follows.
Bits
Name
Behavior
Default
Description
[7]
VOUT_OV_FAULT
Live
0
0: No output OV fault
1: Output OV fault
[6]
RESERVED
Latched
0
Always read as 0.
[5]
RESERVED
Latched
0
Always read as 0.
[4]
VOUT_UV_FAULT
Live
0
0: No output UV fault
1: Output UV fault
[3]
VOUT_MAX_MIN
Live
0
0: No VOUT_MAX, VOUT_MIN warning
1: An attempt has been made to set the output voltage to
a value above that allowed by the VOUT_MAX command
or below the limit allowed by the VOUT_MIN command
[2]
RESERVED
0
Always read as 0.
[1]
RESERVED
0
Always read as 0.
[0]
UNKNOWN
Latched
0
0: No other fault has occurred
1: A fault type not specified in bit[15:1] of STATUS_
WORD has been detected
STATUS_IOUT (7Bh)
Command
STATUS_IOUT
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Function
IOUT_OC
IOUT_OC & VOUT_UV
IOUT_OC_WARNING
X
X
X
X
X
Default Value
0
0
0
0
0
0
0
0
STATUS_INPUT (7Ch)
The STATUS_INPUT returns the value of the flags indicating the input voltage status of the MP8796B.
To clear the bits in this register, the underlying fault or warning should be removed and a
CLEAR_FAULTS command should be issued.
Bits
Name
Behavior
Default Set
Description
[7]
VIN_OV_FAULT
R, latched
0
0: No over-voltage detected on the OV pin
1: Over-voltage detected on the OV pin
[6]
VIN_OV_WARN
R, latched
0
0: No over-voltage condition on VIN
1: Over-voltage condition on VIN has occurred
[5]
VIN_UV_WARN
R, latched
0
0: No under-voltage condition on VIN
1: Under-voltage condition on VIN has occurred
[4:0]
RESERVED
R
0
Always read as 0000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com