Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems MP8796B Datasheet HTML 12Page - Monolithic Power Systems MP8796B Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
9
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Soft Start and Turn-On Delay
Soft-start time
tSS
61h[2:0] = 3b’001
1.7
2.3
3.0
ms
Min programmable soft-start
time (6)
tSS_MIN
61h[2:0] = 3b’000
1
ms
Max programmable soft-start
time (6)
tSS_MAX
16
ms
Turn-on delay
tON_DELAY
60h = 0x0001
3.9
4.5
5.1
ms
Min turn-on delay (6)
tON_DELAY_MIN 60h = 0x0000
0
ms
Max turn-on delay (6)
tON_DELAY_MAX 60h = 0x0100
1024
ms
Error Amplifier
Feedback current
IFB
VFB = VREF
50
100
nA
Soft Shutdown
Soft shutdown discharge
MOSFET
RON_DISCH
TJ = 25°C
60
120
Ω
Under-Voltage Lockout (UVLO)
VCC under-voltage lockout
threshold rising
VCCVth_Rise
2.60
2.75
2.9
V
VCC under-voltage lockout
threshold falling
VCCVth_Fall
2.35
2.50
2.65
V
VCC output voltage
VCC
3.10
3.25
3.40
V
Min input programmable
turn-on voltage
VIN_ON_MIN
VCC = 3.3V
2.65
2.90
3.1
V
Max input programmable
turn-on voltage
VIN_ON_MAX
16
16.5
17
V
Min input programmable
turn-off voltage (6)
VIN_OFF_MIN
VCC = 3.3V
2.5
2.75
3
V
Max input programmable
turn-off voltage
VIN_OFF_MAX
15.75
V
VDRV under-voltage lockout
rising threshold
VDRVVth_Rise
2.55
2.75
2.95
V
VDRV under-voltage lockout
falling threshold
VDRVVth_Fall
2.15
2.35
2.55
V
Power Good (PG)
Power good high threshold
PGVth_Hi_Rise
FB from low to high, default
setting (D9h[1:0] = 2b’01)
91%
94%
97%
VREF
Power good low threshold
PGVth_Lo_Rise
FB from low to high, default
setting (D4h[1:0] = 2b’00)
112% 115% 118%
VREF
PGVth_Lo_Fall
FB from high to low, default
setting (D9h[3:2] = 2’b10)
76%
79%
83%
VREF
Power good low-to-high delay
PGTd
Default setting
(D1h[5:2] = 4b’0000)
1.6
2.0
2.4
ms
Power good sink current
capability
VPG
IPG = 10mA
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com