Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8796B Datasheet HTML 1Page - Monolithic Power Systems MP8796B Datasheet HTML 2Page - Monolithic Power Systems MP8796B Datasheet HTML 3Page - Monolithic Power Systems MP8796B Datasheet HTML 4Page - Monolithic Power Systems MP8796B Datasheet HTML 5Page - Monolithic Power Systems MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
5
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 16
IN
Supply voltage. IN supplies power to the internal MOSFET and regulator. Use an input
capacitor to decouple the input rail. Use wide PCB traces and multiple vias to make the
connection.
2, 3
SW
Switch output. Connect SW to the inductor and bootstrap capacitor. SW is driven up to
VIN by the high-side switch during the PWM duty cycle on time. The inductor current drives
SW negative during the off time. Use wide PCB traces to make the connection.
4, 14, 15
PGND
System ground. PGND is the reference ground of the regulated output voltage, and
requires careful consideration during PCB layout. Connect PGND with wide PCB traces.
5
VDRV
Decoupling input pin for 3.3V driver power supply. Decouple VDRV with a minimum
1µF ceramic capacitor, placed as close to VDRV as possible. X7R or X5R-grade dielectric
ceramic capacitors are recommended. VDRV accepts a 3.3V external bias. If no 3.3V
external bias is provided, connect VDRV to VCC through a 2Ω to 10Ω resistor.
6
SCL
PMBus clock.
7
SDA
PMBus data.
8
ALT#
PMBus alert pin. ALT# is active low. A pull-up resistor connected to 3.3V is required if the
ALT# function is needed.
9
CTRL
PMBus control pin. CTRL is a digital input pin that turns the regulator on or off with
proper ON_OFF_CONFIG (02h) configuration. Drive CTRL high to turn on the regulator;
drive it low to turn off the regulator. Do not float CTRL.
10
PG
Power good output. The output of PG is an open-drain signal. PG requires a pull-up
resistor connected to a DC voltage to indicate high if the output voltage is above 90% of
the nominal voltage. There is a PGOOD delay from low to high. PG must be pulled high to
ensure proper operation.
11
PASS
Passes RUN signals to the next phase.
12
TAKE
Receives RUN signals from the previous phase. TAKE is used for master detection
during the device’s initial power-up. For the master phase, TAKE must be pulled high
through a resistor. For the slave phase, TAKE is connected to the PASS of the previous
phase.
13
SET
PWM signal. SET turns the high-side MOSFET on when a RUN signal is present. For
multi-phase operation, tie the SET pins of all phases together.
17
PS#
Phase shedding. With proper PMBus setting, pull PS# high to enable a slave phase. Pull
it low to disable a slave phase. Connect PS# of the master phase to AGND.
18
ADDR
PMBus slave address setting pin. Connect a resistor from ADDR to AGND to set the
address of this device.
19
ISUM
Current-sense output. For single-phase operation, keep ISUM floating. For multi-phase
operation, tie the ISUM pins of all phases together for current sharing.
20
IREF
Reference current generator amplifier output. Connect a 60.4kΩ or 180kΩ resistor with
1% or greater accuracy to IREF.
21
VOSNS-
Output voltage sense negative return. VOSNS- is tied directly to the GND sense point
of the load. Connect VOSNS- to AGND if the remote sense is not used.
22
VOSNS+
Output voltage sense positive return. Connect VOSNS+ to the output voltage sense
positive side to provide feedback voltage to the system. Avoid vias on the VO traces.
23
AGND
Analog ground. Select AGND as the control-circuit reference point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com