Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 31 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 31 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
31
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
REGISTER MAP
Name
Code
Type
Bytes
Default Value
MTP?
OPERATION
01h
R/W w/ PEC
1
0x80
Yes
ON_OFF_CONFIG
02h
R/W w/ PEC
1
0x16
Yes
CLEAR_FAULTS
03h
Send byte w/
PEC
0
-
WRITE_PROTECT
10h
R/W w/ PEC
1
0x00
Yes
STORE_USER_ALL
15h
Send byte w/
PEC
0
-
RESTORE_USER_ALL
16h
Send byte w/
PEC
0
-
CAPABILITY
19h
R w/ PEC
1
0xB0
VOUT_MODE
20h
R w/ PEC
1
0x40
VOUT_COMMAND
21h
R/W w/ PEC
2
0x01CC (0.92V)
Yes
VOUT_MAX
24h
R/W w/ PEC
2
0x0226 (1.1V)
Yes
VOUT_MARGIN_HIGH
25h
R/W w/ PEC
2
0x0226 (1.1V)
Yes
VOUT_MARGIN_LOW
26h
R/W w/ PEC
2
0x0190 (0.8V)
Yes
VOUT_SCALE_LOOP
29h
R/W w/ PEC
2
0x028C (0.652)
Yes
VOUT_MIN
2Bh
R/W w/ PEC
2
0x0170F (0.736V)
Yes
VIN_ON
35h
R/W w/ PEC
2
0x0C (3V)
Yes
VIN_OFF
36h
R/W w/ PEC
2
0x0B (2.75V)
Yes
OT_FAULT_LIMIT
4Fh
R/W w/ PEC
2
0x0091(145°C) 
Yes
OT_WARN_LIMIT
51h
R/W w/ PEC
2
0x008C (140°C) 
Yes
VIN_OV_FAULT_LIMIT
55h
R/W w/ PEC
2
0x0020 (16V) 
Yes
VIN_OV_WARN_LIMIT
57h
R/W w/ PEC
2
0x001E (15V) 
Yes
VIN_UV_WARN_LIMIT
58h
R/W w/ PEC
2
0x0028 (10V) 
Yes
TON_DELAY
60h
R/W w/ PEC
2
0x0000 (0ms) 
Yes
TON_RISE
61h
R/W w/ PEC
2
0x0001 (2ms) 
Yes
TOFF_DELAY
64h
R/W w/ PEC
2
0x0000 (0ms)
Yes
STATUS_BYTE
78h
R w/ PEC
1
STATUS_WORD
79h
R w/ PEC
2
STATUS_VOUT
7Ah
R w/ PEC
1
STATUS_IOUT
7Bh
R w/ PEC
1
 
STATUS_INPUT
7Ch
R w/ PEC
1
 
STATUS_TEMPERATURE
7Dh
R w/ PEC
1
 
STATUS_CML
7Eh
R w/ PEC
1
READ_VIN
88h
R w/ PEC
2
 
READ_VOUT
8Bh
R w/ PEC
2
 
READ_IOUT
8Ch
R w/ PEC
2
 
READ_TEMPERATURE_1
8Dh
R w/ PEC
2
 
PMBUS_REVISION
98h
R w/ PEC
1
0x33h, ASCII “13” (PMBus 1.3)
MFR_ID(8)
99h
Block read w/
PEC
1 (byte) +
3 (data)
0x4D 0x50 0x53, ASCII “MPS”
MFR_CTRL_COMP
D0h
R/W w/ PEC
1
0x09
Yes
MFR_CTRL_VOUT
D1h
R/W w/ PEC
1
0x40
Yes
MFR_CTRL_OPS
D2h
R/W w/ PEC
1
0x05
Yes
MFR_ADDR_PMBUS
D3h
R/W w/ PEC
1
0xB0
Yes
MFR_VOUT_OVP_FAULT_LIMIT
D4h
R/W w/ PEC
1
0x0E
Yes
MFR_OVP_NOCP_SET
D5h
R/W w/ PEC
1
0x00
Yes
MFR_OT_OC_SET
D6h
R/W w/ PEC
1
0x00
Yes
MFR_OC_PHASE_LIMIT
D7h
R/W w/ PEC
1
0x15 (31.5A)
Yes
MFR_HICCUP_ITV_SET
D8h
R/W w/ PEC
1
0x00
Yes
MFR_UVP_PGOOD_ON _LIMIT
D9h
R/W w/ PEC
1
0x09
Yes
MFR_VOUT_STEP
DAh
R/W w/ PEC
1
0x04
Yes
MFR_LOW_POWER
E5h
R/W w/ PEC
1
0x00
Yes
MFR_CTRL
EAh
R/W w/ PEC
2
bit[9] = 0, bit[3] = 0
Yes
Note:
8) For manufacturer use only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com