Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 44 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 44 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
44
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
MFR_CTRL_COMP (D0h)
The MFR_CTRL_COMP command adjusts the loop compensation of the MP8796B.
Bits
Name
Access
Behavior
Default
Description
[7:5]
RESERVED
R/W
Live
000
[4]
Cff
R/W
Live
0
Sets the feed-forward capacitance when the internal
feedback resistor divider is selected.
0: 20pF
1: 50pF
[3:1]
RAMP
R/W
Live
100
Set the internal ramp compensation to stabilize the loop.
Note: The actual ramp amplitude is related to EAh[3]. Refer
to the register EAh description below for details.
EAh[3] = 0 (single-
phase)
EAh[3] = 1 (multi-phase)
000: 5.6mV ramp
000: 8.6mV ramp
001: 9.8mV ramp
001: 15mV ramp
010: 18mV ramp
010: 27mV ramp
011: 30mV ramp
011: 45mV ramp
100: 8.5mV ramp
100: 13mV ramp
101: 15.1mV ramp
101: 23mV ramp
110: 27mV ramp
110: 41mV ramp
111: 44mV ramp
111: 68mV ramp
[0]
Slave Fault
Detection
R/W
Live
1
Enables or disables the slave fault detection function
through the PG pin.
0: Slave-phase fault detection is enabled
1: Slave-phase fault detection is disabled
MFR_CTRL_VOUT (D1h)
The MFR_CTRL_VOUT command adjusts the output voltage behaviors of the MP8796B.
Bits
Name
Access
Behavior
Default
Description
[7]
RESERVED
R/W
Live
0
[6]
Vo
discharge
R/W
Live
1
1: Output voltage discharge at CTRL low
0: No active output voltage discharge
[5:2]
PG delay
R/W
Live
0000
0000: 1ms
0001: 2ms
…
1110: 15ms
1111: 0ms
[1:0]
VO_RANGE
R/W
Live
00
Chooses the internal voltage divider ratio.
00: VREF / VO = 1, VO = 0.4V to 0.672V, LSB = 2mV
01: VREF / VO = 0.5, VO = 0.4V to 1.344V, LSB = 2mV
10: VREF / VO = 0.25, VO = 0.7V to 2.688V, LSB = 2mV
11: VREF / VO = 0.125, VO = 1.3V to 5.376V, LSB = 2mV
The default value of D1h is 0x40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com