Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 6Page - Monolithic Power Systems MP8796B Datasheet HTML 7Page - Monolithic Power Systems MP8796B Datasheet HTML 8Page - Monolithic Power Systems MP8796B Datasheet HTML 9Page - Monolithic Power Systems MP8796B Datasheet HTML 10Page - Monolithic Power Systems MP8796B Datasheet HTML 11Page - Monolithic Power Systems MP8796B Datasheet HTML 12Page - Monolithic Power Systems MP8796B Datasheet HTML 13Page - Monolithic Power Systems MP8796B Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
10
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, TJ = -40°C to +125°C(7), typical value is tested at TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power Good (PG)
Power good leakage current
IPG_LEAK
VPG = 3V
1.5
2.3
µA
Power good low-level output
voltage
VOL_100
VIN = 0V, pull PGOOD up to 3.3V
through a 100kΩ resistor,
TJ = 25°C
600
720
mV
VOL_10
VIN = 0V, pull PGOOD up to 3.3V
through a 10kΩ resistor,
TJ = 25°C
700
820
Thermal Protection (TP)
TP fault rising threshold (6)
TSD_Rise
Default setting (4Fh = 0x0091)
145
°C
TP fault falling threshold (6)
TSD_Fall
Default setting (4Fh = 0x007D
and D6h[2:1] = 2b’00)
125
°C
Min TP fault temp (6)
TSD_WARN_MIN
35
°C
Max TP fault temp (6)
TSD_WARN_MAX
165
°C
TP warning rising threshold (6)
TWARN_Rise
Default setting (51h = 0x0078)
120
°C
TP warning falling threshold (6)
TWARN_Fall
Default setting (51h = 0x0078,
D6h[2:1] = 2b’00)
100
°C
Min TP warning temp (6)
TSD_WARN_MIN
35
°C
Max TP warning temp (6)
TSD_WARN_MAX
160
°C
Monitoring Parameters
Min output voltage monitor
range (6)
MVOUT_RANGE
0
V
Max output voltage monitor
range (6)
MVOUT_RANGE
5.5
V
Output voltage monitor
accuracy (6)
MVOUT_ACC
VO = 0.6V to 2.5V
-2%
0.6
+2%
V
Output voltage monitor
accuracy (6)
MVOUT_ACC
VO = 2.5V to 5.5V
50
50
mV
Output voltage bit resolution
1.25
mV
Output current monitor
accuracy
MIOUT_ACC
VO = 1.2V, fSW = 800kHz,
IO = 30A
-2.5
+2.5
A
Output current monitor
accuracy (6)
MIOUT_ACC
3A ≤ IO ≤ 30A
-2.5
+2.5
A
Output current bit resolution (6)
62.5
mA
Min input voltage monitor (6)
MIN_RANGE
2.5
V
Max input voltage monitor (6)
MIN_RANGE
18
V
Input voltage monitor accuracy
MIN_ACC
-2%
12
+2%
V
Input voltage bit resolution (7)
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com