Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 42 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 42 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
42
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
STATUS_TEMPERATURE (7Dh)
The STATUS_TEMPERATURE returns the value of flags indicating the over temperature fault or over
temperature waring of MP8796B. To clear the bits in this register, the underlying fault should be
removed and a CLEAR_FAULTS command should be issued.
Bits
Name
Behavior
Default
Description
[7]
OT_FAULT
R, latched
0
1: Over-temperature fault has occurred
[6]
OT_WARNING
R, latched
0
1: Over-temperature warning has occurred
[5:0]
RESERVED
R
0
Always read as 0.
STATUS_CML (7Eh)
Command
STATUS_CML
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Function
Invalid or
unsupported
command
Invalid or
unsupported data
X
Memory fault
detected
X
X
Other fault
Memory
busy
Default Value
0
0
0
0
0
0
0
0
READ_VIN (88h)
The READ_VIN command returns the 10-bit measured value of the input voltage.
Command
READ_VOUT
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
X
25mV/LSB
Default Value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
READ_VOUT (8Bh)
The READ_VOUT command returns the 13-bit measured value of the output voltage.
Command
READ_VOUT
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
X
1.25mV/LSB
Default Value
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
READ_IOUT (8Ch)
The READ_IOUT command returns the 14-bit measured value of the output current. This value is also
compared with IOUT_OC_FAULT_LIMIT and IOUT_OC_WARN_LIMIT, and can affect STATUS_IOUT.
Command
READ_IOUT
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
R
Function
X
62.5mA/LSB
Default Value
0
0
0
0
0
0
1
0
0
1
0
1
1
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com