Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 36 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 36 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
36
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
VOUT_MARGIN_LOW (26h)
Command
VOUT_MARGIN_LOW
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
2mV/LSB
Default Value
0
0
0
0
0
0
0
1
1
0
0
1
0
0
0
0
The value is unsigned, and 1LSB = 2mV. The default value is 0.8V, which is 0x0190.
VOUT_SCALE_LOOP (29h)
VOUT_SCALE_LOOP sets the feedback resistor divider ratio, and is equal to VFB / VOUT. Regardless of
whether an external or internal feedback resistor divider is used, VOUT_SCALE_LOOP should match
the actual feedback resistor divider value.
Command
VOUT_SCALE_LOOP
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
0.001/LSB
Default Value
0
0
0
0
0
0
1
0
1
0
0
0
1
1
0
0
The value is unsigned, and 1LSB = 0.001. The default value is 0.652, which is 0x028C.
VOUT_MIN (2Bh)
The VOUT_MIN command sets a lower limit on the output voltage of the converter to enable a
command, regardless of any other commands or combinations. The intent of this command is to
provide a safeguard against an accidental setting of the output voltage to a possible destructive level,
not to be the primary output under-voltage protection.
Command
VOUT_MIN
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
2mV/LSB
Default Value
0
0
0
0
0
0
0
1
0
1
1
1
0
0
0
0
If an attempt is made to program the output voltage below the limit set by this command, the device
responds as follows:
The commanded output voltage is set to VOUT_MIN
The VOUT bit is set in STATUS_WORD
The VOUT_MAX_MIN warning bit is set in the STATUS_VOUT register
The device notifies the host
The minimum value of VOUT_MIN is 0.5V. The value is unsigned, and 1LSB = 2mV. The default value
is 0.736V, which is 0x0170.
VIN_ON (35h)
The VIN_ON command sets the value of the input voltage (in V) at which the converter should start up
if all other required start-up conditions are met. The VIN_ON value can be set between 4V and 15V
with a 0.25V increment. The VIN_ON value should always be set above the VIN_OFF value, with
enough margin so there is no bouncing between VIN_ON and VIN_OFF during power conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com