Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 43 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 43 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 39Page - Monolithic Power Systems MP8796B Datasheet HTML 40Page - Monolithic Power Systems MP8796B Datasheet HTML 41Page - Monolithic Power Systems MP8796B Datasheet HTML 42Page - Monolithic Power Systems MP8796B Datasheet HTML 43Page - Monolithic Power Systems MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
43
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
READ_TEMPERATURE_1 (8Dh)
The READ_TEMPERATURE_1 command returns the internal sensed temperature. This value is also
used internally for over-temperature warning and fault detection. This data has a range of -255°C to
+255°C.
Command
READ_TEMPERATURE_1
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
Sign
1°C/LSB
Default Value
0
0
0
0
0
0
0
0
0
0
1
1
0
0
1
0
READ_TEMPERATURE_1 is a 2-byte, two’s complement integer. Bit[9] is the sign bit. Table 6 shows
the relationship between direct values and real-world values.
Table 6: Direct Value vs. Real-World Value
Sign
Direct Value
Real-World Value (°C)
0
0 0000 0000
0
0
0 0000 0001
1
0
1 1111 1111
+511
1
0 0000 0001
-511
1
1 1111 1111
-1
PMBUS_REVISION (98h)
The PMBUS_REVISION command returns the protocol revision used. Accesses to this command
should use the read byte protocol. Bit[7:4] indicates the PMBus revision of specification Part I to which
the device is compliant. Bit[3:0] indicates the revision of specification Part II to which the device is
compliant.
Name
PMBUS_REVISION
Format
Unsigned binary
Bit
7
6
5
4
3
2
1
0
Access
R
R
R
R
R
R
R
R
Default Value
0
0
1
1
0
0
1
1
Bit[7:4] is always read as 4’b0011, specification PMBus Part I Revision 1.3.
Bit[3:0] is always read as 4’b0011, specification PMBus Part II Revision 1.3.
MFR_ID (99h)
The MFR_ID command returns the company identification.
Byte
Byte Name
Value
Description
0
Byte Count
0x03
Always read as 0x03. The number of data bytes that the
block read command expects to read.
1
Character 1
0x4D, ASCII of “M”
Always read as 0x4D.
2
Character 2
0x50, ASCII of “P”
Always read as 0x50.
3
Character 3
0x53, ASCII of “S”
Always read as 0x53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com