Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 50 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 50 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 44Page - Monolithic Power Systems MP8796B Datasheet HTML 45Page - Monolithic Power Systems MP8796B Datasheet HTML 46Page - Monolithic Power Systems MP8796B Datasheet HTML 47Page - Monolithic Power Systems MP8796B Datasheet HTML 48Page - Monolithic Power Systems MP8796B Datasheet HTML 49Page - Monolithic Power Systems MP8796B Datasheet HTML 50Page - Monolithic Power Systems MP8796B Datasheet HTML 51Page - Monolithic Power Systems MP8796B Datasheet HTML 52Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
50
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DEFAULT MTP CONFIGURATION
Table 7: 0000 Suffix Code Configuration
Output Voltage
0.92V
Input Voltage
12V
Mode
Forced CCM
Max Load(A)
30A
Valley Current Limit
31.5A
Number of IC in Parallel
1
Switch Frequency
800kHz
Soft-Start Time (1ms, 2ms, 4ms, 8ms,
16ms available)
2ms
Input UVLO Rising Voltage (V, 3V by
default)
Default
Input UVLO Falling Voltage (V, 2.75V
by default)
Default
Protection Mode (Hiccup and Latch-
off available)
Latch off
Table 8: 0000 Suffix Code Register Value
Suffix Code
Register
Hex Value
Register
Hex Value
0000
0x01
80
0x60
0
0000
0x02
16
0x61
1
0000
0x10
0
0x64
0
0000
0x21
1CC
0XD0
09
0000
0x24
226
0XD1
40
0000
0x25
226
0XD2
5
0000
0x26
190
0XD3
B0
0000
0x29
28C
0XD4
E
0000
0x2B
170
0XD5
0
0000
0x35
C
0XD6
0
0000
0x36
B
0XD7
15
0000
0x4F
91
0XD8
0
0000
0x51
8C
0XD9
9
0000
0x55
20
0XDA
4
0000
0x57
1E
0XE5
0
0000
0x58
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com