Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 30 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 30 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 26Page - Monolithic Power Systems MP8796B Datasheet HTML 27Page - Monolithic Power Systems MP8796B Datasheet HTML 28Page - Monolithic Power Systems MP8796B Datasheet HTML 29Page - Monolithic Power Systems MP8796B Datasheet HTML 30Page - Monolithic Power Systems MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
30
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
Data and Numerical Formats
The MP8796B uses a direct format internally to
represent real-world values such as voltage,
current, power, and temperature.
All numbers without a suffix in this document
are decimals unless explicitly designated
otherwise.
Numbers in the binary format are indicated by
the prefix “n’b”, where n is the binary count. For
example, 5’b01010 indicates a 5-bit binary data,
and the data is 01010.
The suffix “h” indicates a hexadecimal format,
which is used for the register address numbers
in this document.
The symbol “0x” indicates a hexadecimal format,
which is used for the value in the register. For
example, 0xA3 is a 1-byte number whose
hexadecimal value is A3.
PMBus Communication Failure
A data transmission fault occurs when the data
is not transferred between the devices properly.
There are several types of data transmission
faults listed below:
 Sending too little data
 Reading too little data
 Sending too many bytes
 Reading too many bytes
 Improperly set read bit in the address byte
 Unsupported command code
PMBus Reporting and Status Monitoring
The MP8796B supports real-time monitoring for
some operation parameters and status with the
PMBus interface (see Table 4).
Table 4: PMBus Monitored Parameters and
Status
Parameter/Status
PMBus
Output voltage
1.25mV/LSB
Output current
60.5mA/LSB
Temperature
1°C/LSB
Input voltage
25mV/LSB
VIN OV
VIN UV
VIN OV Warn
VIN UV Warn
VO OV
VO UV
Over-Temperature (OT)
OT Warn
VO OC
VO OC Warn
Multi-Time Programming (MTP)
The
MP8796B
has
built-in
multiple-time
programming
(MTP)
cells
to
store
user
configurations. The standard command of 15h
(STORE_USER_ALL)
is
not
currently
supported in the MP8796B. Alternatively, the
MTP cells can be programmed through the
following command combination:
E7h (2000h)  E7h (1000h)  E7h (4000h)
In the MPS GUI for the MP8796B, the above
commands are integrated together and named
as 15h (STORE_USER_ALL). MPS’s GUI
software supports the 15h command.
When MTP is being programmed, the VCC
voltage may rise as high as 5V. Take caution if
VCC is connected to circuits that cannot take
such high voltage. The MTP programming
typically takes about 300ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com