Electronic Components Datasheet Search
  English  ▼

X  

MP8796B Datasheet(PDF) 35 Page - Monolithic Power Systems

Part # MP8796B
Description  16V, 30A, Scalable, Digital, Synchronous Step-Down Converter with PMBus
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8796B Datasheet(HTML) 35 Page - Monolithic Power Systems

Back Button MP8796B Datasheet HTML 31Page - Monolithic Power Systems MP8796B Datasheet HTML 32Page - Monolithic Power Systems MP8796B Datasheet HTML 33Page - Monolithic Power Systems MP8796B Datasheet HTML 34Page - Monolithic Power Systems MP8796B Datasheet HTML 35Page - Monolithic Power Systems MP8796B Datasheet HTML 36Page - Monolithic Power Systems MP8796B Datasheet HTML 37Page - Monolithic Power Systems MP8796B Datasheet HTML 38Page - Monolithic Power Systems MP8796B Datasheet HTML 39Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
MP8796B – 16V, 30A, SYNCHRONOUS STEP-DOWN CONVERTER WITH PMBUS
MP8796B Rev. 1.0
www.MonolithicPower.com
35
1/19/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
VOUT_MODE (20h)
The VOUT_MODE command reads and sets the output voltage. The 3 MSBs are used to determine the
data format (only direct format is supported in the MP8796B), and the other 5 bits represent the
exponent used in the output voltage read/write commands.
The default value of 20h is 0x40.
VOUT_COMMAND (21h)
VOUT_COMMAND sets the output voltage of the MP8796B. Together, VOUT_COMMAND and
VOUT_SCALE_
LOOP
determine
the
feedback
reference
voltage:
VOUT_COMMAND
x
VOUT_SCALE_LOOP.
See the Output Voltage Setting section on page 22 for details on setting the output voltage.
Command
VOUT_COMMAND
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
2mV/LSB
Default Value
0
0
0
0
0
0
0
1
1
1
0
0
1
1
0
0
The value is unsigned, and 1LSB = 2mV. The default value of 21h is 0.92V, which is 0x01CC.
VOUT_MAX (24h)
The VOUT_MAX command sets an upper limit on the output voltage of the converter to enable the
command, regardless of any other commands or combinations. The intent of this command is to
provide a safeguard against an accidental setting of the output voltage to a possibly destructive level,
not to be the primary output over-voltage protection.
Command
VOUT_MAX
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
x
2mV/LSB
Default Value
0
0
0
0
0
0
1
0
0
0
1
0
0
1
1
0
If an attempt is made to program the output voltage above the limit set by this command, the device
responds as follows:
 The commanded output voltage is set to VOUT_MAX
 The VOUT bit is set in STATUS_WORD
 The VOUT_MAX_MIN warning bit is set in the STATUS_VOUT register
 The device notifies the host
The value is unsigned, and 1LSB = 2mV. The maximum value of VOUT_MAX is 5.5V, and the default
value is 1.1V. Therefore, the default value of 24h is 0x0226.
VOUT_MARGIN_HIGH (25h)
The value is unsigned, and 1LSB = 2mV. The default value is 1.1V. Therefore, the default value of 25h
is 0x0226.
Command
VOUT_MARGIN_HIGH
Format
Direct
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Access
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
X
X
X
X
2mV/LSB
Default Value
0
0
0
0
0
0
1
0
0
0
1
0
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com