Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 162 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 162 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors S32K310 Datasheet HTML 158Page - NXP Semiconductors S32K310 Datasheet HTML 159Page - NXP Semiconductors S32K310 Datasheet HTML 160Page - NXP Semiconductors S32K310 Datasheet HTML 161Page - NXP Semiconductors S32K310 Datasheet HTML 162Page - NXP Semiconductors S32K310 Datasheet HTML 163Page - NXP Semiconductors S32K310 Datasheet HTML 164Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 162 / 164 page
background image
Contents
1
Overview............................................................ 3
2
Block diagram.....................................................3
3
Feature comparison......................................... 11
4
Ordering information.........................................17
4.1
Determining valid orderable parts ................... 17
5
General.............................................................17
5.1
Absolute maximum ratings............................... 17
5.2
Operating Conditions........................................19
5.3
Thermal operating characteristics.................... 22
5.4
ESD and Latch-up Protection Characteristics.. 22
6
Power management......................................... 22
6.1
Power mode transition operating behaviors..... 22
6.1.1
Power mode transition operating behavior.......22
6.1.2
Boot time, HSE firmware not installed..............23
6.1.3
Boot time, HSE firmware installed....................24
6.1.4
HSE firmware memory verification time examples
......................................................................... 25
6.2
Supply Monitoring.............................................29
6.3
Recommended Decoupling Capacitors............30
6.3.1
Recommended Decoupling Capacitor diagrams
......................................................................... 32
6.4
V15 regulator (SMPS option) electrical
specifications....................................................46
6.5
V15 regulator (BJT option, NPN ballast transistor
control) electrical specifications........................47
6.6
V11 regulator (NMOS ballast transistor control)
electrical specifications.....................................48
6.7
Supply currents................................................ 48
6.8
Operating mode................................................62
6.9
Cyclic wake-up current .................................... 66
6.10
NXP recomended PMIC................................... 67
7
I/O parameters................................................. 67
7.1
GPIO DC electrical specifications, 3.3V Range
(2.97V - 3.63V)................................................. 67
7.2
GPIO DC electrical specifications, 5.0V (4.5V -
5.5V).................................................................71
7.3
5.0V (4.5V - 5.5V) GPIO Output AC Specification
......................................................................... 75
7.4
3.3V (2.97V - 3.63V) GPIO Output AC
Specification..................................................... 77
8
Glitch Filter....................................................... 79
9
Flash memory specification..............................79
9.1
Flash memory program and erase specifications
......................................................................... 79
9.2
Flash memory Array Integrity and Margin Read
specifications....................................................80
9.3
Flash memory module life specifications..........81
9.3.1
Data retention vs program/erase cycles...........81
9.4
Flash memory AC timing specifications........... 82
9.5
Flash memory read timing parameters.............82
10
Analog modules................................................83
10.1
SAR_ADC.........................................................83
10.2
Supply Diagnosis..............................................86
10.3
Low Power Comparator (LPCMP)....................86
10.4
Temperature Sensor........................................ 90
11
Clocking modules............................................. 90
11.1
FIRC................................................................. 90
11.2
SIRC.................................................................91
11.3
PLL................................................................... 91
11.4
FXOSC............................................................. 92
11.5
SXOSC.............................................................95
12
Communication interfaces................................96
12.1
LPSPI............................................................... 96
12.2
LPSPI0 20 MHz and 15 MHz Combinations.. 101
12.3
LPSPI* 20MHz combination for S32K388 and
S32K389.........................................................101
12.4
Communication between two S32K38x devices
....................................................................... 103
12.4.1
Timing specification for S32K38x to S32K38x
communication............................................... 104
12.5
I2C.................................................................. 105
12.6
FlexCAN characteristics................................. 105
12.7
SAI electrical specifications............................105
12.7.1
SAI Electrical Characteristics, Target Mode...105
12.7.2
SAI Electrical Characteristics, Controller Mode
....................................................................... 106
12.8
Ethernet characteristics..................................108
12.8.1
Ethernet MII (10/100 Mbps)............................108
12.8.2
Ethernet MII (200 Mbps).................................110
12.8.3
Ethernet RMII (10/100 Mbps)......................... 112
12.8.4
Ethernet RGMII.............................................. 114
12.8.5
MDIO timing specifications.............................115
12.9
QuadSPI.........................................................116
12.9.1
QuadSPI Quad 3.3V SDR 120MHz................116
12.9.2
QuadSPI Octal 3.3V DDR 100MHz................118
12.9.3
QuadSPI Quad 3.3V SDR 103.33MHz...........119
12.9.4
QuadSPI Octal 3.3V DDR 120MHz................120
12.9.5
QuadSPI Quad 3.3V SDR 125MHz................122
12.9.6
QuadSPI configurations................................. 123
12.10
uSDHC........................................................... 124
12.10.1
uSDHC SDR electrical specifications.............124
12.10.2
uSDHC DDR electrical specifications.............125
12.11
LPUART specifications...................................127
13
Debug modules.............................................. 127
13.1
Debug trace timing specifications...................127
13.2
SWD electrical specifications......................... 127
13.3
JTAG electrical specifications........................ 129
14
Thermal Attributes.......................................... 131
14.1
Description..................................................... 131
14.2
Thermal characteristics.................................. 131
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
162 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com