Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 156 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 156 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors S32K310 Datasheet HTML 158Page - NXP Semiconductors S32K310 Datasheet HTML 159Page - NXP Semiconductors S32K310 Datasheet HTML 160Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 164 page
background image
Document ID
Release date
Description
— Max updated to "50 system clock periods" for taistop
• Ins ection "Flash memory read timing parameters" mantioned part numbers for
each table as applicable.
• >In section "SAR ADC", for Symbol "fAD_CK" added new spec and max
updated to 120.
• In section "FIRC", Symbol "IFIRC" is deleted.
• In section "SIRC", Symbol "Ivdda" with condition "On state" is deleted.
• In section "PLL", clarification added in condition column for jitter specifications.
• In section "Fast External Oscillator (FXOSC)", for Symbol "FREQ_BYPASS",
"TRF_BYPASS" and "CLKIN_DUTY_BYPASS" footnote added "For bypass
mode applications, the EXTAL ...".
• In section "Fast External Oscillator (FXOSC)", for Symbol "TFXOSC" footnote
added "The startup time specification is valid ...".
• In section "Fast External Oscillator (FXOSC)", Symbol "IFXOSC" specs are
merged into one and description and condition updated.
• In section "Fast External Oscillator (FXOSC)", added paragraph "Drive level is a
crystal specification and ....".
• In section "LPSPI", Symbol "tSPSCK" with condition "Slave_10Mbps" is added.
• In section "LPSPI", Symbol "tSPSCK" with condition "Master_10Mbps" is added.
• Updated title to mention LPSPI0 of "LPSPI0 20 MHz and 15 MHz
Combinations", and updated header "20Mbps" to "20Mbps (In loopback mode
only)".
• In "I3C" section, added two sentences.
• Updated "QuadSPI" sections.
• Editorial updates.
Document ID
Release date
Description
S32K3XX v.2.B
March 2021
• Updated "block diagrams" and "Feature comparison"
• Updated "Ordering information" to add 289 pagkage and removed one.
• In section "Absolute maximum ratings", Symbol "VDD_HV_SMPS" is added.
• In section "Absolute maximum ratings", for Symbol "I_INJPAD_DC_ABS" and
"I_INJSUM_DC_ABS" footnote updated "When input pad voltage levels are
close ...".
• In section "Voltage and current operating requirements", Symbol
"IINJSUM_DC_OP" and "IINJPAD_DC_OP" condition is updated
• In section "Voltage and current operating requirements", Symbol
"VDD_HV_SMPS" is added.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
156 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com