Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 153 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 153 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 164 page
background image
Document ID
Release date
Description
— for Symbol "TR_TF_33_S" with condition "Capacitance=25pF" Max
changed from "TBD" to "28"
— for Symbol "TR_TF_33_S" with condition "Capacitance=50pF" Min
changed from "TBD" to "11"
— for Symbol "TR_TF_33_S" with condition "Capacitance=50pF" Max
changed from "TBD" to "43"
— for Symbol "TR_TF_33_SP" with condition "DSE=0, Capacitance=25pF"
Min changed from "5" to "4"
— for Symbol "TR_TF_33_SP" with condition "DSE=1, Capacitance=25pF"
Min changed from "2.4" to "2.0"
— for Symbol "TR_TF_33_M" with condition "DSE=0, SRE=0,
Capacitance=25pF" Min changed from "3.2" to "2.2"
— for Symbol "TR_TF_33_M" with condition "DSE=0, SRE=1,
Capacitance=25pF" Min changed from "3.8" to "3.0"
— for Symbol "TR_TF_33_M" with condition "DSE=1, SRE=0,
Capacitance=25pF" Min changed from "1" to "0.8"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=0,
Capacitance=25pF" Min changed from "1.1" to "0.5"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=0,
Capacitance=25pF" Max changed from "7.0" to "4"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=1,
Capacitance=25pF" Min changed from "2.6" to "2.1"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=1,
Capacitance=25pF" Max changed from "11.0" to "9"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=0,
Capacitance=25pF" Min changed from "0.8" to "0.4"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=0,
Capacitance=25pF" Max changed from "3.4" to "2"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=1,
Capacitance=25pF" Min changed from "1.5" to "1.2"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=1,
Capacitance=25pF" Max changed from "7.8" to "6.4"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=0,
Capacitance=50pF" Min changed from "2.5" to "1.1"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=0,
Capacitance=50pF" Max changed from "10.8" to "7"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=1,
Capacitance=50pF" Min changed from "3.6" to "2.6"
— for Symbol "TR_TF_33_F" with condition "DSE=0, SRE=1,
Capacitance=50pF" Max changed from "15.0" to "11"
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
153 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com