Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 150 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 164 page
background image
Document ID
Release date
Description
— for Symbol "TR_TF_50_F" with condition "DSE=0, SRE=1,
Capacitance=25pF" Max changed from "7.7" to "6.1".
• In section “SAR ADC“, the footnote attached to “ADC Total Unadjusted Error” is
updated as “TUE spec for precision and standard channels is based on 12-bit
level resolution”.
• In section "Supply Diagnosis", for Symbol "AN_ACC" and "AN_T_on" footnote
added "These specs will have degraded performan..."
• In section "Fast External Oscillator (FXOSC)", for Symbol "TFXOSC" description
changed from "Fxosc start up time" to "Fxosc start up time (ALC enabled)".
• In section "Fast External Oscillator (FXOSC)", removed the crystal part numbers
and related information which includes following sentences, "In crystal mode
NX5032GA crystal .....", " In crystal mode NX8045GB crystal …" and updated
sentence "To ensure stable oscillations, FXOSC incorporates the feedback
resistance internally.".
• In section "LPSPI", updated the sentence updated maximum output load of
50pF to 30pF.
• In section "LPSPI", footnote attached to "fperiph" is udated to mention clock
name instead of frequency. "For LPSPI0 instance, max. peripheral...".
• In section "I3C Push-Pull Timing Parameters for SDR Mode", Symbol "tV" and
tHI are deleted.
• Added section "Ethernet RGMII".
• In all QuadSPI modes updated trace length from 3 inches to 2 inches.
• Added "QuadSPI Octal 3.3V DDR 100MHz" mode.
• Deleted "QuadSPI Quad 3.3V DDR 80MHz" mode.
• In section "QuadSPI Octal 3.3V DDR 120MHz" :
— For symbol “tOD_DATA”, Max. value changed from “2.567” to “ 2.934”.
— For symbol “tOD_CS”, Min value has been changed from “3.015” to
“3.016” and Max. value changed from “-1.33” to “-0.766”.
— For symbol “tDVW”, Min value has been changed from “2.314” to “2.518”.
— For symbol “tIH_DQS”, Min value has been changed from “2.767” to
“3.134”.
• uSDHC specifications are updated thoroughly.
• In "Thermal characteristics":
— Updated table header to include all variants.
— For S32K312 100-HDQFP updated RϴJA from 34.8 to 38 °C/W and RϴJT
from 0.6 to 0.8 °C/W.
— For S32K3x4, 257MAPBGA updated RϴJA from 27 to 26.8 °C/W.
• Updated Legal information.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
150 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com