Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 148 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 164 page
background image
Document ID
Release date
Description
• In section "Absolute maximum ratings", and "Voltage and current operating
requirements", added S32K341 variant to the sentence "The VDD_HV_B and
V15 voltage supply domains are only present....".
• In section “Voltage and current operation requirement”, the footnote attached to
supply ramp rate is updated as “ The MCU Supply ramp applicable to the MCU
input/external supplies...".
• Updated capacitor symbol to non-polarity in following figures at V25 and V11:
— Power management system - S32K344, S32K324, S32K341, S32K314,
S32K342, and S32K322.
— Power management system - S32K312, S32K311
• In "Power management system - S32K358" figure, updated connections to
optional circuit with dashed lines for PGATE_CTRL and VSS_DCDC.
• In section “SMPS regulator electrical specifications”, added a sentence “The
chip hardware design guidelines documents lists the recommended part
numbers of PMOS & Schottky diode."
• In table "SMPS regulator electrical specifications" :
— The typ. value of "External coil inductance" changed from 5 to 4.7uH.
— Added “Schottky diode reverse voltage” with Min value 5.0 V.
— Added “Schottky diode forward current” with Min value 1.0 A.
• In section "SMPS regulator electrical specifications" changed "COUT_V15" to
"COUT_V15_SMPS" to match it with corresponding figure.
• In section "Recommended Decoupling Capacitors" changed "COUT_V15" to
"COUT_V15_NPN" to match it with corresponding figure.
• In section "Recommended Decoupling Capacitors", following footnotes updated:
— Footnote attached to CDEC "Optionally, 1 nF capacitors can be added...".
— Footnote attached to CBULK "For devices where the VDD_HV_B domain
is present, if the VDD_HV_B...".
— Added footnote to CBULK "These capacitors must be placed close to the
source."
• In section "Recommended Decoupling Capacitors", updated and added
decoupling capacitors diagrams.
• In section "NPN Ballast Transistor Control Specification" added specification for
VDD_HV_NPN.
• Updated "Ballast circuit" figure under section " NPN Ballast Transistor Control
Specification".
• Current IDD specs are updated for S32K12 for following :
— Table “STANDBY mode supply currents”
— Table “Low speed RUN mode supply currents”
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
148 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com