Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 151 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 164 page
background image
Document ID
Release date
Description
S32K3XX v.3.0
October 2022
• Datasheet classification is updated to "Technical data" for S32K344.
• In section "Supply currents" added values for 85C (typ and max) and updated
105 (max) and 125 (max) values for S32K344.
• In front page features, added HDQFP172 with Exposed pad (EP) option and
information on I3C.
• In section "Overview", added a note "S32K3x1, S32K3x2 and S32K3x8 specific
information ....".
• In "Feature comparision" section added footnote to add information about
HDQFP172 with Exposed pad (EP) package for S32K3x8 devices.
• VDD_HV_SMPS is changed to VDD_DCDC throughout.
• In section "Absolute maximum ratings", footnote attached to
"I_INJSUM_DC_ABS" is exteded to add information "See application note
AN4731 for...".
• Figure "Power management system - S32K344, S32K324, S32K341, S32K314,
S32K342, and S32K322." is updated to add COUT_V15 capacitor.
• Figure "Power management system - S32K358" is updated to add COUT_V15
capacitor and optional circuit explained in the notes.
• In section "SMPS regulator electrical specifications", COUT_V15 is added to
"External bypass capacitor".
• Figure "Package decoupling capacitor pinout diagram" is updated to show
HDQFP172-EP package.
• Table title "Current limit requirements for board design" is changed to
"Recommended current limits in board design" and added a note as "The power
supplies for the voltage rails must be...".
• In section "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)":
— for ILKG_33_S updated condition to update pins which has Analog
Function Count=2/3
— for ILKG_33_M updated condition to update pins which has Analog
Function Count=1
— added ILKG_33_M with condition "PTE8 and PTD6"
— udpdated ILKG_33, -120 nA (min) and 120 nA (max).
— updated condition of IOH_*, IOL_* to add < and > symbols.
— added IOHT specification.
— Updated sentence "I/O current specifications are...". and removed "RMS
current values are given....".
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)":
— for ILKG_50_S updated condition to update pins which has Analog
Function Count=2/3
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
151 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com