Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 154 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors S32K310 Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 164 page
background image
Document ID
Release date
Description
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=0,
Capacitance=50pF" Min changed from "1.5" to "0.8"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=0,
Capacitance=50pF" Max changed from "5.5" to "4.2"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=1,
Capacitance=50pF" Min changed from "2.2" to "1.5"
— for Symbol "TR_TF_33_F" with condition "DSE=1, SRE=1,
Capacitance=50pF" Max changed from "10.0" to "7.8"
• In section "SAR ADC", added paragraph "All below specs are applicable when
only one ADC instance is in operation ..... to determine the most appropriate
settings for AVGS." and removed footnote from RS specification.
• In section "SAR ADC", added specifications for CP1, CP2 and RSW1
corresponding to all channels, shared channels and precision channels. Also
added the related figure.
• In section "PLL", removed some non-applicable footnotes.
• In section "LPSPI", added information before the table The Low Power Serial
Peripheral Interface (LPSPI) provides a synchronous serial bus with master....".
• In section "LPSPI0 20 MHz and 15 MHz Combinations", added note as "Trace
length should not exceed 11 inches for SCK pad when used in Master loopback
mode."
• Added "I3C" specifications.
• In section "Ethernet MII (100 Mbps)", for "RXCLK frequency" typ value moved to
max.
• In section "Ethernet RMII", added paragraph "The following timing specs are
defined at the device I/O pin and must be .....I/O operating voltage ranges from
2.97 V to 3.63 V."
• In section "QuadSPI Quad 3.3V SDR 120MHz", for Symbol "tSDC" footnote
added "For S32K342 100MQFP, tSDC spec would be ..."
• In section "QuadSPI Quad 3.3V SDR 120MHz" added sentence "Program
register value QuadSPI_DLLCRA[SLV_FINE_OFFSET] to 4'b0001.".
• In section "QuadSPI Octal 3.3V DDR 120MHz", Symbol "tSCK" min is calrified,
condition updated to External DQS and "tSCK" with condition Internal Loopback
is deleted.
• In section "QuadSPI Octal 3.3V DDR 120MHz", Symbol "tSDC" condition
updated to External DQS and "tSDC" with condition Internal Loopback is
deleted..
• In section "QuadSPI Octal 3.3V DDR 120MHz", specifications tISU_PCS,
tIH_PCS, tCK2CKmin and tCK2CKmax are deleted.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
154 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com