Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 155 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 155 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 151Page - NXP Semiconductors S32K310 Datasheet HTML 152Page - NXP Semiconductors S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors S32K310 Datasheet HTML 158Page - NXP Semiconductors S32K310 Datasheet HTML 159Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 164 page
background image
Document ID
Release date
Description
S32K3XX v.2.0
August 2021
• Added section "Overview".
• In block diagrams:
— S32K311/S32K312/S32K314 removed "Scalable ARM M7 core in Lock
step" and added "Single ARM M7 core".
— S32K322/S32K324 removed "Scalable ARM M7 core in Lock step" and
added "Two independent ARM M7 cores".
• In "Absolute maximum ratings" and "Voltage and current operating
requirements":
— Some general footnotes are moved to top of table
— VDD_HV_SMPS added footnotes
• In "Voltage and current operating requirements" for VREFH extended footnote
"VREFH should always be equal to...".
• Updated title - Power management system - S32K344, S32K324, S32K341,
S32K314, S32K342, and S32K322.
• In figure "Power management system - S32K358" updated double bond to triple
bond.
• In section "Recommended Decoupling Capacitors" added COUT_V11 with typ
as 1 uF.
• Added section "Power mode transition operating behaviors" and its subsections:
— Power mode transition operating behaviour
— Boot time, HSE firmware not installed
— Boot time, HSE firmware installed
— HSE firmware memory verification time examples
• Moved information from "Supply monitoring" to "Supply diagnosos" and attached
it to "AN_ACC". The information is "If V15 > VDD_HV_A +100mV then..."
• Updated figure "Package decoupling capacitor pinout diagram" to add 289
MapBGA
• In section "Glitch Filter", added sentence ".... WKPU pins and TRGMUX inputs
60-63.".
• Section "Flash memory program and erase specifications" updated thoroughly.
• In section "Flash memory module life specifications" removed footnotes 1 and 2.
• In section "Data retention vs program/erase cycles" added sentence before
related to figure "The spec window represents qualified limits.".
• In section "Flash memory AC timing specifications":
— Updated register naming representation
— Added footnote to tdrcv min as " In extreme cases (1 block
configurations)...".
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
155 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com