Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 157 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 157 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 153Page - NXP Semiconductors S32K310 Datasheet HTML 154Page - NXP Semiconductors S32K310 Datasheet HTML 155Page - NXP Semiconductors S32K310 Datasheet HTML 156Page - NXP Semiconductors S32K310 Datasheet HTML 157Page - NXP Semiconductors S32K310 Datasheet HTML 158Page - NXP Semiconductors S32K310 Datasheet HTML 159Page - NXP Semiconductors S32K310 Datasheet HTML 160Page - NXP Semiconductors S32K310 Datasheet HTML 161Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 164 page
background image
Document ID
Release date
Description
• In section "Voltage and current operating requirements", for Symbol
"I_INJPAD_DC_ABS" and "I_INJSUM_DC_ABS" footnote updated "When input
pad voltage levels are close ...".
• In section "Power management":
— "Power management system - S32K344, S32K324, S32K314" figure
updated.
— "Power management system - S32K312, S32K311" figure updated.
— "Power management system - S32K358" figure added.
• In section "Supply Monitoring", Symbol "HVD_V15" is added.
• In section "Supply Monitoring", for "LVD_VDD_HV_A", symbol and description
updated.
• Added section "SMPS regulator electrical specifications"
• In section "NPN Ballast Transistor Control Specification", fig with title "Ballast
circuit" is changed.
• In section "Supply currents" and "operating mode" tables are updated.
• In section "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", fig
with title "Reference Load Diagram" is changed.
• In section "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)",
footnote updated "A positive value is leakage flowing into...".
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", Symbol
"ILKG_50_S_PTE13" with condition "PMC VRC_CTRL pin" is added.
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", footnote
updated "A positive value is leakage flowing into...".
• In section "GPIO DC electrical specifications, 5.0V (4.5V - 5.5V)", fig with title
"Reference Load Diagram" is changed.
• In section "Flash memory specification", added specs for 512KB and 2MB
specifications.
• In table "Flash memory AC timing specifications", taistop max updated.
• Updated "Flash Read Wait State Settings"
• In section "Low Power Comparator (LPCMP)", updated IDLSS typ to 17uA.
• In section "Low Power Comparator (LPCMP)", updated INL and DNL.
• In section "Low Power Comparator (LPCMP)", updated paragraph "For devices
where the VDD_HV_B domain is present..."
• In "Low Power Comparator (LPCMP)" added hysterisis plots.
• In section "PLL", symbol "FPLL_out" description updated to add
(PLL_PHIn_CLK)
• In section "PLL", "IPLL_V25" deleted.
• In section "PLL", updated jitter specifications.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
157 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com