Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 147 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 147 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors S32K310 Datasheet HTML 151Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 164 page
background image
Document ID
Release date
Description
— Added "External P-channel MOSFET threshold voltage" as 2V.
• Section "NPN Ballast Transistor Control Specification" renamed to "V15
regulator (BJT option, NPN ballast transistor control) electrical specifications"
and updated the following:
— added paragraph "Some devices (S32K358, S32K348, S32K338,
S32K328, S32K344, S32K324, S32K314, S32K342, S32K322, S32K341)
support ...."
— Updated ballast circuit figure.
• Added section "V11 regulator (NMOS ballast transistor control) electrical
specifications".
• In section "Supply currents":
— added template for S32K388.
— added values for S32K342.
— added S32K310 along with S32K311.
• GMAC term is added along with EMAC in "Operating mode" section.
• Updated GPIO specs to clarify leakage specifications.
• In SAR ADC section, removed TBD from RS max specification.
• In section "SXOSC", Oscillator Analog circuit supply current max updated to 4
uA.
• In section "LPSPI", updated tV and tHO for S32K358 and a note is added as "15
and 20 Mbps is supported on LPSPI0 only.".
• In section "uSDHC SDR electrical specifications" relaxed tISU for 25 MHz and
400 KHz from 4.8 to 6.3 ns.
• Deleted I3C specifications
• Updated "Thermal characteristics"
• Added 48-pin LQFP package drawing number in "Obtaining package
dimensions" section.
• Editorial updates.
Document ID
Release date
Description
S32K3XX v.4.0
April 2022
• Removed S32K312 from preliminary list from the title of the document and
"Overview".
• In features on first page added MAPBGA289 to the package list and updated
GPIO pins upto 235.
• Removed "NDA required" term from all block diagrams.
• In "Ordering information", added HDQFP-EP package suffix.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
147 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com