Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 143 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 164 page
background image
Document ID
Release date
Description
S32K3XX v.8.0
June 2023
• Moved S32K311 and S32K310 to support list from preliminary and added
S32K322 to supported list.
• Updated frequency to 320 MHz for S32K388 mentioned in features and updated
S32K388 block diagram.
• In section "Thermal operating characteristics" added ambient temperature
seperately for both V- and M-grade parts.
• Deleted power management figures. See reference manual for these figures.
• Decoupling capacitors are updated with new formats.
• In section "V15 regulator (SMPS option) electrical specifications" updated the
SMPS circuit figure.
• In section "V11 regulator (NMOS ballast transistor control) electrical
specifications" updated V11 output from 1.14 to 1.155 V.
• In section "Supply currents" added current numbers for S32K311 and S32K310
and added support for 320MHz for S32K388.
• In section "Supply currents" merged VDD_HV_A for S32K3x8, S32K34x,
S32K32x and S32K314 and mentioned the max current.
• Added table title to table in section "Cyclic wake-up current".
• In section "Low Power Comparator (LPCMP)",
— for symbol tDDAC updated description from "DAC Initialization and
switching settling time" to "DAC Initialization time".
— updated footnote attached to TDHSS and TDLSS from "Applied +/- (30 mV
+ 2 x VAHYST0/1/2/3 + max. of VAIO) around switch point" to "Applied +/-
(30 mV + VAHYST0/1/2/3 + max. of VAIO) around switch point"
• In section "Temperature Sensor" clarified that its an MCU on-die temperature
sensor.
• In section "FIRC" updated FACC for S32K311 and S32K310 for different
temperature ranges.
• In section "PLL", added sentence "Jitter values specified in this table are
applicable for FXOSC reference clock input only".
• In section "Fast External Oscillator (FXOSC)", added IFXOSC for ALC disabled.
• In section "Slow Crystal Oscillator (SXOSC)" updated ISXOSC max from 4 to 10
uA.
• In section " LPSPI" updated symbols of Data hold time (inputs) to tHI.
• Updated heading of Ethernet MII and RMII to mention support of 10 and 100
Mbps.
• In "uSDHC SDR electrical specifications" updated conditions for the supported
pads.
• In "uSDHC DDR electrical specifications" updated conditions for the supported
pads and deleted 25 MHz specifications.
• Updated RϴJA for 172HDQFP_EP to 15.6 °C/W.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
143 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com