Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 141 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 164 page
background image
Document ID
Release date
Description
• Updated table "FIRC" mentioning FACC +/-5% for all K3xx devices.
• Updating figure title to "S32K310: ASIL B Single Core 512 KB General
Purpose MCU".
• In "FXOSC":
— Added note "To improve the FXOSC & PLL jitter performance..."
— Updated the footnote "To improve the FXOSC jitter & duty
cycle performance.."
• In "PLL", updated min value for "FPLL_out" from 48 to 25 MHz.
• In LPSPI, updated the output loads.
• In "LPSPI2 and LPSPI5 20MHz combination for S32K388", added new table
"LPSPI2 and LPSPI0 20MHz combination for S32K388".
• In "LPSPI"
— Updating min values of tLEAD/tLAG to ""tSPCK/2" for LPSPI Slave mode.
— For "tWPSCK", removed "high or low" from description.
— Updated information "All measurements are with maximum output load of
30pf.." at the top of the table.
— Removed Rise/Fall time output specs.
— Added footnotes "Output rise/fall time is determined by the output load and
GPIO pad drive strength setting..." and "The input rise/fall time specification
applies to both clock and data..."
— Added "tV" and "tHO" spec with condition "Master Loopback, S32K388
LPSPI2 and LPSPI5 @20MHz"
— For "tV" with max value "17.5" ns, updated condition to ""Master Loopback,
applies to all devices LPSPI0 @20 MHz"
— For "tHO" with min value "-2" ns, updated condition to ""Master Loopback,
applies to all devices LPSPI0 @20 MHz"
— Updated LPSPI timing diagrams with 50/50 levels.
• In "LPSPI" and "Timing specification for S32K388 to S32K388", updated
information from "All timing is shown with respect to 20% VDD_HV_A/B and
80% VDD_HV_A/B thresholds" to "All timing is shown with respect to 50%
VDD_HV_A/B thresholds."
• Added information "Valid pin combinations to be referred from K3xx*_Use sheet in
IOmux." in all SAI, uSHDC, QSPI and Ethernet modes.
• Added information "Data transitions measured at 30%/70% supply for the write
path. Data transitions measured at mid-supply for the read path. Clock transitions
measured at mid-supply." in all QSPI modes.
• Changed footer to "Preliminary Information for S32K388"
• Updated Preliminary Information for S32K388 throughout the data sheet.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
141 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com