Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 138 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 138 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 164 page
background image
Document ID
Release date
Description
• In "S32K328" and "S32K348" block diagrams, updated the instances of
FlexCAN to 8.
• Updated Part number nomenclature diagram.
• In "Power mode transition operating behavious", removed Fast Recovery from
description of "tMODE_STDBYEXIT" for S32K388 and S32K389.
• Updated table. "HSE Firmware memory verification time examples".
• In "289BGA package decoupling cap pinout digram(S32K388)", added CBULK
capacitor, to H8.
• In section "V15 regulator(SMPS option)", updated the footnote from "Only
needed..." to "Highly Recommended..."
• Added CBULK_SMPS in fig "SMPS circuit"
• In "V11 regulator (NMOS ballast transistor control) electrical specifications",
updated the Typ value of V11 to 1.14V.
• In Supply current added values for S32K388.
• In table. Run mode configuration options, updated footnote from EMAC to
EMAC/GMAC
• In GPIO DC electrical specifications, updated spec "VHSYS_33" and added
footnote " Hysteresis spec does not apply to fast pad"
• In PLL, for spec "FPLL_out" updated the Max value to 480 MHz.
• In section "FXOSC":
— Updated the Max value of CLKIN_VIL_EXTAL_BYPASS and Min value of
CLKIN_VIH_EXTAL_BYPASS and added new footnote "For bypass mode
application, the EXTAL..."
— Added new note "To improve the FXOSC & PLL jitter performance in
S32K388, the functionality of the pins (namely -PTG0, PTG2, PTG3,
PTF30, PTE12, PTA2..." specifically for S32K388.
• In LPSPI :
— Added new spec "tV" and "tHO" specifically for S32K389
— Updated the desciption of tA to "MISO valid time after SS assertion" and
its reference in figure.
• Added new table ""LPSPI1, LPSPI3 and LPSPI4 for S32K389.
• In uSDHC SDR and DDR electrical specifications sections, updated the footnote
"Öutput timing valid for maximum external load CL= 25pF(includes PCB
trace.…)"
• In section "V15 regulator (SMPS option) electrical specifications", added devices
S32K388 and S32K389.
• In "FXOSC", added information "In single ended bypass mode, the XTAL pin
can be left unconnected".
• Added CBULK capacitors for SMPS figures in Decoupling capacitor figures.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
138 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com