Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 136 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 136 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 164 page
background image
Document ID
Release date
Description
S32K3XX v.11
16 April 2024
• In first page added information "This document includes key information in the
file attached to it. See the attachment icon in the PDF window to see the list of
attachments.".
• Spreadsheet attached to the pdf containing part numbers is updated.
• In section features merged DMIPS for S32K388 and S32K389 and updated
S32K389 frequency to 320 MHz.
• Ordering information figure updated.
• In section "Absolute maximum ratings", footnotes updated:
— When the input pad voltage levels are close to VDD_HV_A...
— If a positive injection current is present in one or more I/O pins when...
• Updated section title name from "Voltage and current operating requirements" to
"Operating Conditions" and added V15 current consumption for S32K388/89.
• In section "Power mode transition operating behavior", Symbol "tMODE_
STDBYEXIT_FAST"
• In section "Recommended Decoupling Capacitors", for Symbol "CDEC" Min "70"
deleted and Typ changed from "100" to "100 or 220".
• In section "Recommended Decoupling Capacitors", updated diagrams for
437MAPBGA.
— Updated the quantity of caps of VDD_HV_A, VDD_HV_B and V11 in
SMPS mode.
— Added VDD_DCDC connected to VDD_HV_B in non-SMPS mode.
• In section "Recommended Decoupling Capacitors", for Symbol "CBULK" Typ
changed from "4.7" to "4.7 or 10".
• In section "Recommended Decoupling Capacitors", updated diagrams for
437MAPBGA.
— Updated the quantity of caps of VDD_HV_A, VDD_HV_B and V11 in
SMPS mode.
— Added VDD_DCDC connected to VDD_HV_B in non-SMPS mode.
• Updated "supply currents" and "operating mode" section to include changes for
S32K389 at 320 MHz.
• In section "V11 regulator (NMOS ballast transistor control) electrical
specifications" added ILKG_NMOS.
• In section "Flash memory read timing parameters", updated "Flash Frequency"
to "Flash Frequency (CORE_CLK)"
• In section "Temperature Sensor", this footnote is moved to top of table as
generic sentence "The temperature sensor measures the junction temperature
Tj ...
• In section "PLL", for Symbol "FPLL_out" Max changed from "480" to "320".
• In "LPSPI", used inclusive terms "Controller and Peripheral" in place of "Master
and Slave".
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
136 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com