Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 132 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 132 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors S32K310 Datasheet HTML 130Page - NXP Semiconductors S32K310 Datasheet HTML 131Page - NXP Semiconductors S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 164 page
background image
Thermal TIM considerations
For high-end applications using S32K38x, a robust thermal design is required for the increased system power dissipation,
especially when operating in a high ambient temperature environment. Passive thermal management techniques by enhancing
conduction and natural convection provide a cost effective solution.
Including a Thermal Interface material (TIIM) between the MCU and the enclosure is recommended to improve the heat transfer
efficiency between the MCU and the enclosure, to help ensure the operating temperature of the device is within specifications.
Ensure that the efficiency of the TIM element will be limited by the heat spreading capability of the system enclosure. Additionally,
these same TIM recommendations apply for the Last Mile Regulator (LMR) (MOSFET).
The recommended dimension for the TIM should be the same as the selected MOSFET and the thickness of 1.5 mm (whose
thermal conductivity is in range to internal thermal simulations 2.4 – 6.5 W/m-k ).
Table 71. Thermal values at enclosure and 105C at ambient temperature
Parameter
Value
Unit
Condition
Increase temperature of the MCU in the enclosure[1][2][3]
35
C
TIM 2.4 W/m-k
33
TIM 6.5 W/m-k
Expected temperature in the enclosure[2][3]
<125
C
[1] The simulation is based on a worst case scenario where the MCU is consuming 2.34W.
[2] The results could vary according with the design and thermal considerations added to the layout, for the simulation a HIGH-END board of 10 layer board and
dimensions of 95 x 165 x 1.6 mm3 were taken as a reference based on several customer use cases.
[3] A plastic enclosure with aluminum baseplate was used for simulation, the case dimension was 100 x 175 x 30 mm3 with a thickness of 1.2mm
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
132 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com