Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 129 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 129 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors S32K310 Datasheet HTML 130Page - NXP Semiconductors S32K310 Datasheet HTML 131Page - NXP Semiconductors S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 164 page
background image
S12
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
Input data valid
Output data valid
S9
S10
S13
S11
Figure 70. SWD Output Data Timing
13.3 JTAG electrical specifications
The following table describes the JTAG electrical characteristics. These specifications apply to JTAG and boundary scan.
Measurements are with maximum output load of 30pF, input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 70. JTAG electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tJCYC
TCK cycle time [1][2]
30
—
—
ns
—
1
tJDC
TCK clock pulse
width
40
—
60
%
—
2
tTCKRISE
TCK rise/fall times
(40%-70%)
—
—
1
ns
—
3
tTMSS, tTDIS
TMS, TDI data setup
time
5
—
—
ns
—
4
tTMSH, tTDIH
TMS, TDI data hold
time
5
—
—
ns
—
5
tTDOV
TCK low to TDO
data valid [3]
—
—
22
ns
—
6
tTDOI
TCK low to TDO
data invalid
0
—
—
ns
—
7
tTDOHZ
TCK low to TDO
high impedance
—
—
22
ns
—
8
tBSDV
TCK falling edge to
output valid [4]
—
—
600
ns
—
11
tBSDVZ
TCK falling edge to
output valid out of
high impedance
—
—
600
ns
—
12
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
129 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com