Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 125 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 125 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 164 page
background image
Table 66. uSDHC SDR electrical specifications...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tOD
SDHC output delay
(output valid) [1]
-5.6
—
10.64
ns
fpp= 25 MHz, 400 KHz,
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD6
tOD
SDHC output delay
(output valid) [1]
-5.6
—
3.1
ns
fpp= 50 MHz, SDHC_
CLK to SDHC_CMD
SD6
tISU
SDHC Input setup
time
6.3
—
—
ns
fpp= 25 MHz, 400 KHz,
SDHC_CMD / SDHC_
DAT to SDHC_CLK
—
tISU
SDHC Input setup
time
4.8
—
—
ns
fpp= 50 MHz, SDHC_
CMD / SDHC_DAT to
SDHC_CLK
SD7
tIH
SDHC Input hold
time
2
—
—
ns
SDHC_CLK to SDHC_
CMD / SDHC_DAT
SD8
[1] Output timing valid for maximum external load CL = 25 pF (includes PCB trace, package trace (around 1-2pF) and flash input load).
[2] In normal (full) speed mode for SD/SDIO card, clock frequency can be any value between 0–25 MHz. In high-speed mode, clock frequency can be any value
between 0–50 MHz.
[3] In normal (full) speed mode for MMC card, clock frequency can be any value between 0–25 MHz. In high-speed mode, clock frequency can be any value
between 0–50 MHz.
[4] The SDHC_CLK rise/fall time specification applies to the input clock transition required in order to meet the output delay specifications. SDHC_CLK output
transition time is dependent on output load and GPIO pad drive strength. See the GPIO pad specifications for detail.
SD4
SD5
SDx_CLK
Output from uSDHC to card
SDx_DATA[7:0]
Input from card to uSDHC
SDx_DATA[7:0]
SD3
SD2
SD6
SD7
SD8
SD1
Figure 66. SD/eMMC4.3 High Speed Mode Interface Timing
12.10.2 uSDHC DDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns(20%/80%) and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from
2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Data transitions measured at 25%/62.5% at 3.3V for the write path. Data transitions measured at mid-supply for the read path.
Clock transitions measured at mid-supply.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
125 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com