Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 124 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 164 page
background image
[1] Refer programming sequence in Reference Manual.
12.10 uSDHC
12.10.1 uSDHC SDR electrical specifications
The following table describes the uSDHC electrical characteristics. Measurements are with maximum output load of
25pF, input transition of 1ns(20%/80%) and pad configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from
2.97 V to 3.63 V.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Data transitions measured at 25%/62.5% at 3.3V for the write path. Data transitions measured at mid-supply for the read path.
Clock transitions measured at mid-supply.
Table 66. uSDHC SDR electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fpp
Clock frequency (low
speed) [1]
—
—
400
kHz
—
SD1
fpp
Clock frequency
(eMMC4.4/4.41
SDR, SD3.0 SDR) [1]
[2]
—
—
50
MHz
Medium/Fast Pad
SD1
fpp
Clock frequency
(eMMC4.4/4.41
SDR, SD3.0 SDR) [1]
[3]
—
—
25
MHz
Standard plus/Medium
pad
SD1
fOD
Clock frequency
(identification
mode) [1]
100
—
400
kHz
—
SD1
tWL
Clock low time
6
—
—
ns
Medium/Fast pad
SD2
tWL
Clock low time
12
—
—
ns
Standard plus/Medium
pad
SD2
tWH
Clock high time
6
—
—
ns
Medium/Fast pad
SD3
tWH
Clock high time
12
—
—
ns
Standard plus/Medium
pad
SD3
tTLH
Clock rise time [1][4]
—
—
4
ns
Medium/Fast pad
SD4
tTLH
Clock rise time [1][4]
—
—
8
ns
Standard plus/Medium
pad
SD4
tTHL
Clock fall time [1][4]
—
—
4
ns
Medium/Fast pad
SD5
tTHL
Clock fall time [1][4]
—
—
8
ns
Standard plus/Medium
pad
SD5
tOD
SDHC output delay
(output valid) [1]
-5.6
—
2.6
ns
fpp= 50 MHz, SDHC_
CLK to SDHC_DAT
SD6
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
124 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com