Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 164 page
background image
Table 65. QuadSPI Quad 3.3V SDR 125MHz...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tISU_SCK
Input setup time
(w.r.t. SCK) [1]
1.580
—
—
ns
—
—
tIH_SCK
Input hold time (w.r.t.
SCK) [1]
1.5
—
—
ns
—
—
[1] Input timing assumes maximum input signal transition of 1ns (20%/80%).
12.9.6 QuadSPI configurations
Device
S32358, S32K356, S32K348, S32K338,
and S32K328
S32K342, S32K341,
S32K322
S32K344, S32K324,
S32K314
Frequency (MHz)
120
120
120
120
DDR/SDR
SDR
DDR
SDR
SDR
DQS alignment
Internal DQS
Dummy pad
loopback
External DQS,
Edge Aligned
Internal DQS Dummy
pad loopback
Internal DQS Dummy pad
loopback
FLSHCR[TDH]
0
1
0
0
FLSHCR[TCHS]
3
3
2
2
FLSHCR[TCSS]
3
3
2
2
DLPEN[MCR]
0
0
0
0
DLLCR[DLLEN]
0
1
0
0
DLLCR[FREQEN]
0
0
0
0
DLLCR[DLL_REFCNTR]
NA
2
NA
NA
DLLCR[DLLRES]
NA
8
NA
NA
DLLCR[SLV_FINE_OFFSET
]
0
0
0
0
DLLCR[SLV_DLY_OFFSET] 0
0
0
0
DLLCR[SLV_DLY_COARSE] 0
0
0
0
DLLCR[SLV_DLY_FINE]
0
1
0
0
DLLCR[SLAVE_AUTO_UPD
T]
0
1
0
0
DLLCR[SLV_EN]
1
1
1
1
DLLCR[SLV_DLL_BYPASS] 1
0
1
1
DLLCR[SLV_UPD]
1[1]
1[1]
1 [1]
1[1]
SMPR[DLLFSMPF*]
0
4
5
5
SMPR[FSDLY ]
0
0
0
0
SMPR[FSPHS]
1
NA
1
1
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
123 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com