Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 121 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 121 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 164 page
background image
Table 64. QuadSPI Octal 3.3V DDR 120MHz...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCL_SCK_DQS
SCK / DQS low
time [1]
3.75
—
—
ns
—
—
tCH_SCK_DQS
SCK / DQS high
time [1]
3.75
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK)
0.816
—
2.934
ns
—
—
tOD_CSL
CS low to clock high 8.516
—
—
ns
—
—
tOD_CSH
Clock low to CS high 8.516
—
—
ns
—
—
tDVW
Input data valid
window [1]
2.518
—
—
ns
—
—
tISU_DQS
Input setup time
(w.r.t. DQS) [1]
-0.616
—
—
ns
—
—
tIH_DQS
Input hold time (w.r.t.
DQS) [1]
3.134
—
—
ns
—
—
[1] Input timing assumes an input signal transition of 1 ns (20%/80%). DQS denotes external strobe provided by the Flash.
DATA
DQ (input)
@ PAD
DQS (input)
edge aligned
@ PAD
Read operation in DDR mode with edge-aligned external DQS
DATA
DATA
tISU_DQS
tIH_DQS
Figure 64. QuadSPI input timing (DDR mode)
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
121 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com