Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 117 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 113Page - NXP Semiconductors S32K310 Datasheet HTML 114Page - NXP Semiconductors S32K310 Datasheet HTML 115Page - NXP Semiconductors S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 164 page
background image
Program register value QuadSPI_FLSHCR[TCSS] = 4`h3.
Program register value QuadSPI_FLSHCR[TCSH] = 4`h3.
Program register value QuadSPI_DLLCRA[SLV_FINE_OFFSET] to 4'b0001.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply.
Table 61. QuadSPI Quad 3.3V SDR 120MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK
SCK clock
frequency [1]
—
—
120
MHz
Pad Loopback
—
fSCK
SCK clock
frequency [1]
—
—
60
MHz
Internal Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Pad Loopback
—
tSCK
SCK clock period
1/fSCK
—
—
ns
Internal Loopback
—
tSDC
SCK duty cycle [2]
45
—
55
%
Internal Loopback
—
tSDC
SCK duty cycle [2]
45
—
55
%
Pad Loopback
—
tIS
Data input setup
time
1.75
—
—
ns
Pad Loopback
—
tIS
Data input setup
time
9
—
—
ns
Internal Loopback
—
tIH
Data input hold time 1
—
—
ns
Pad Loopback
—
tIH
Data input hold time 1
—
—
ns
Internal Loopback
—
tOV
Data output valid
time
—
—
1.75
ns
Pad Loopback
—
tOV
Data output valid
time
—
—
1.75
ns
Internal Loopback
—
tIV
Data output invalid
time
-1.5
—
—
ns
Pad Loopback
—
tIV
Data output invalid
time
-1.5
—
—
ns
Internal Loopback
—
tCSSCK
CS to SCK time
5
—
—
ns
Pad Loopback
—
tCSSCK
CS to SCK time
5
—
—
ns
Internal Loopback
—
tSCKCS
SCK to CS time
3
—
—
ns
Pad Loopback
—
tSCKCS
SCK to CS time
3
—
—
ns
Internal Loopback
—
[1] This frequency specification is valid only if output valid time of external flash is ≤ 5.5ns, and if output valid time of external flash is more than 5.5ns but ≤
6.5ns, then maximum fSCK is 104MHz.
[2] For S32K342 100HDQFP, tSDC spec would be 44%-56% when ENET and SAI active along with QuadSPI at 120MHZ
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
117 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com