Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 120 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 120 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 116Page - NXP Semiconductors S32K310 Datasheet HTML 117Page - NXP Semiconductors S32K310 Datasheet HTML 118Page - NXP Semiconductors S32K310 Datasheet HTML 119Page - NXP Semiconductors S32K310 Datasheet HTML 120Page - NXP Semiconductors S32K310 Datasheet HTML 121Page - NXP Semiconductors S32K310 Datasheet HTML 122Page - NXP Semiconductors S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 164 page
background image
Table 63. QuadSPI Quad 3.3V SDR 103.33MHz...continued
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
tCH_SCK
SCK clock high
time [1]
4.327
—
—
ns
—
—
tOD_DATA
Data output delay
(w.r.t. SCK)
-2.330
—
2.880
ns
—
—
tOD_CSL
CS low to clock high 8.516
—
—
ns
—
—
tOD_CSH
Clock low to CS high 8.516
—
—
ns
—
—
tDVW
Input data valid
window [1]
5.5
—
—
ns
—
—
tISU_SCK
Input setup time
(w.r.t. SCK) [1]
2.152
—
—
ns
—
—
tIH_SCK
Input hold time (w.r.t.
SCK) [1]
2.0
—
—
ns
—
—
[1] Input timing assumes maximum input signal transition of 1ns (20%/80%).
12.9.4 QuadSPI Octal 3.3V DDR 120MHz
The following table applies to S32K328, S32K338, S32K348, S32K356, S32K358.
The following table describes the QuadSPI electrical characteristics. Measurements are with maximum output load of 25pF, input
transition of 1ns and pads configured with DSE = 1'b1 and SRE = 1'b0. I/O operating voltage ranges from 2.97V to 3.63V. QuadSPI
trace length should be less than or equal to 2 inches. For Single and Dual IO modes of operation if external device doesn’t have
pull-up feature, then external pull-up must be added at board level for unused device pins. With external pull-up, performance
of the interface may degrade in Quad IO mode based on load associated with external pull-up. QuadSPI support delay chain
upto length 16, wherein delay length of low-frequency segment is 16 and length of high-frequency segment is 0. See the device
Reference Manual for register and bit descriptions.
Valid pin combinations to be referred from K3xx*_Use sheet in IOmux.
Set FLSHCR[TCSS]=2 and FLSHCR[TCSH]=5.
Data transitions measured at 30%/70% supply for the write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply
Table 64. QuadSPI Octal 3.3V DDR 120MHz
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fSCK_DQS
SCK / DQS
frequency [1]
—
—
120
MHz
DLL enabled
—
fSCK_DQS
SCK / DQS
frequency [1]
—
—
120
MHz
DLL mode enabled
—
tSCK
SCK clock period
1/
fSCK_D
QS
—
—
ns
External DQS
—
tSDC
SCK / DQS duty
cycle
45
—
55
%
External DQS
—
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
120 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com