Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 127 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 127 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 123Page - NXP Semiconductors S32K310 Datasheet HTML 124Page - NXP Semiconductors S32K310 Datasheet HTML 125Page - NXP Semiconductors S32K310 Datasheet HTML 126Page - NXP Semiconductors S32K310 Datasheet HTML 127Page - NXP Semiconductors S32K310 Datasheet HTML 128Page - NXP Semiconductors S32K310 Datasheet HTML 129Page - NXP Semiconductors S32K310 Datasheet HTML 130Page - NXP Semiconductors S32K310 Datasheet HTML 131Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 164 page
background image
12.11 LPUART specifications
See I/O parameters for LPUART specifications.
13 Debug modules
13.1 Debug trace timing specifications
The following table describes the Debug trace electrical characteristics. Measurements are with maximum output load of 25pF,
input transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 68. Debug trace timing specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
fTRACE
Trace clock
frequency (trace on
Fast pads)
—
—
120
MHz
Applies to all
K3xx variants except
S32K388 and S32K389
—
fTRACE
Trace clock
frequency (trace on
Fast pads)
—
—
125
MHz
Applies to S32K388
and S32K389
—
fTRACE
Trace clock
frequency (trace on
StandardPlus pads)
—
—
25
MHz
—
—
tDVW
Data output valid
window
1.2
—
—
ns
—
—
tDIV
Data output invalid
0.3
—
—
ns
—
—
Valid data
TRACEDATA[n:0]
Valid data
Valid data
TRACEDATA[n:0]
Valid data
tDIV
tDVW
tDIV
TRACECLK
Figure 68. Trace CLKOUT specifications
13.2 SWD electrical specifications
The following table describes the SWD electrical characteristics. Measurements are with maximum output load of 30pF, input
transition of 1ns and pad configured with DSE = 1'b1 and SRE = 1'b0.
Table 69. SWD electrical specifications
Symbol
Description
Min
Typ
Max
Unit
Condition
Spec
Number
S1
SWD_CLK
frequency
—
—
33
MHz
—
S1
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
127 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com