Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 135 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 135 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 131Page - NXP Semiconductors S32K310 Datasheet HTML 132Page - NXP Semiconductors S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 164 page
background image
Document ID
Release date
Description
— updated leading sentence to correct the mantioned parts, ""FPLL_DS,
FPLL_FM and all fractional mode jitter specifications are not applicable
to..."
— for Symbol "FPLL_out" Max changed from "320" to "500" and added a
footnote as "The PLL output frequency must be configu...".
• Added 100-LQFP row in thermal characteristics and added package drawing
number in "Obtaining package dimentions".
• Removed the footnote "6.0 V maximum for 10 hours over lifetime; 7.0 V
maximum for 60 seconds over lifetime." from first two V15 symbols in Absolute
Maximum ratings
• Added footnote to Bandgap reference voltage spec in Supply monitoring table
• Updated 289BGA package decoupling capacitor pinout diagram for S32K388
and added 437BGA package decoupling capacitor pinout diagram for S32K389.
• Added Supply current values for S32K389
• Added Note "To improve the FXOSC & PLL jitter performance in S32K389, the
functionality of the pins (namely - PTE3, PTD15, PTE8, PTE4, PTG6, PTG0
and PMOS_CTRL in BGA437 package) cannot be toggling edge-aligned" after
FXOSC section
• Added Solder temperature specifications and associated footnote in Absolute
Maximum Ratings
• Split tOD_CS into tOD_CSH and tOD_CSL in following table
— QuadSPI Octal 3.3V DDR 100MHz
— QuadSPI Quad 3.3V SDR 103.33MHz
— QuadSPI Octal 3.3V DDR 120MHz
— QuadSPI Quad 3.3V SDR 125MHz
• Added QSPI input timing diagram and QSPI output timing diagram in DDR
mode
• Added QuadSPI configurations section
Document ID
Release date
Description
S32K3XX v.12.0
10 July 2025
• Added S32K356 variant througout the document wherever applicable.
• In front page, updated sentence "M7 supports up to 320 MHz...".
• Moved V15 input from "V15 regulator (BJT option, NPN ballast transistor
control) electrical specifications" to "V11 regulator (NMOS ballast transistor
control) electrical specifications"
• Added "Recomended PMIC" section.
• In "LPSPI", used inclusive terms "Controller and Peripheral" in place of "Master
and Slave" at remaining places.
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
135 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com