Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 137 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 137 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 133Page - NXP Semiconductors S32K310 Datasheet HTML 134Page - NXP Semiconductors S32K310 Datasheet HTML 135Page - NXP Semiconductors S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 164 page
background image
Document ID
Release date
Description
• In "SAI", used inclusive terms "Controller and Target" in place of "Master and
Slave".
• In section "Ethernet MII (200 Mbps)", for Symbol ""MII7" and "MII8" changed
TXDV to TXEN.
• In section "Ethernet MII (200 Mbps)", for Symbol "MII8" added new value for
S32K389.
• In section "Thermal characteristics" added TIM information and added S32K389
thermal data.
• Removed "See I/O parameters for GPIO electrical specifications" in LPSPI,
SWD, JTAG and Debug Trace timing Specifications.
• Updated LPSPI to add updated frequency for S32K389.
Document ID
Release date
Description
S32K3XX v.11A.0 October 2024
• In "Feature Comparison" updated values for "ASIL-B DMIPS, ASIL-D DMIPS,
ASIL-B CoreMark and ASIL-D CoreMark"
• Updated the example in figure. "Ordering Information"
• Updated chapter "Supply current" and also added table "Example RUN mode
configuration supply currents for S32K389"
• In section "Operating Mode", added table "RUN mode configuration options for
S32K389"
• In GPIO, added spec "VHYS_50" and "VHYS_33" for S32K389 device.
• In section "FXOSC", update the typ. value of spec GM to 14.04.
• Updated table "LPSPI1, LPSPI3 and LPSPI4 for S32K389"
• Updated section name to "Communication between two S32K38x devices" and
"Timing specification for S32K38x to S32K38x communication"
• Added document number for 437-BGA in section "Obtaining package
dimensions"
• In table. "usdhc DDR electrical specifications", added spec number for clock rise
time and fall time. Also mentioend in figure.
• Added S32K39 part numbers in the attached "Part number List"
Document ID
Release date
Description
S32K3XX v.10.0
July 2024
• Updated front matter, from "Upto 128K of flexible program" to "Upto 256KB of
flexible program"
• In "Absolute Max Ratings" updated footnote from "…. the voltage in the
respective I/O power domain (VDD_HV_A or VDD_HV_B) would increase …."
to "…voltage in the respective I/O power domain (VDD_HV_A or VDD_HV_B)
would increase and may cause damage to the MCU. It is recommended to.."
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
137 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com