Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 140 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 140 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 136Page - NXP Semiconductors S32K310 Datasheet HTML 137Page - NXP Semiconductors S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 164 page
background image
Document ID
Release date
Description
— Added "S32K388" in statement "The VDD_DCDC supply voltage is only
present in certain devices.."
— Updated condition for V15 and V11 spec.
• In Voltage and current operating requirements :
— Updated footnote "When input pad voltage levels are close to VDD_HV_A..."
— Added new footnotes "Keeping the input voltage between" and "If a positive
injection current is present..."
— Added "S32K388" in statement "The VDD_DCDC supply voltage is only
present in certain devices.."
— Updated condition for V15 and V11 spec.
• In "Power mode transition operating behaviour", added values for
S32K3x8 devices.
• In "Supply Monitoring", added footnote "The HVD_V15 monitor is provided to
indicate if the V15 rail is far above the standard V15 operating range...".
• In Recommneded Decoupling capacitors diagrams and SMPS Circuit updated
"VDD_HV_SMPS" to "VDD_DCDC".
• In Table. "V15 regulator (SMPS option) electrical specifications" added symbol
"L_SMPS" for External coil inductance and "D_SMPS" for External Schottky diode
average forward current.
• Added IBCTL label in "Ballast circuit" figure.
• In "V11 regulator (NMOS ballast transistor control) electrical specifications" added
new spec "VTH_NMOS" for 5.0 V supply and updated Max value to "1.5" for VTH
spec for 3.3 V supply.
• In "Supply currents" section , added values for "S32K358, S32K348,
S32K338, S32K328".
• In RUN mode supply currents (peripherals disabled) for S32K3x8, deleted values
from "
Min. Config. [Clock Option A+] Triple Core @240 MHz " for S32K358, S32K348,
S32K338, S32K328 variants.
• In GPIO DC electrical specifications:-
— Updated footnote "I/O timing specifications are valid for the un-terminated
50ohm..." and figure related to it with correct load details.
— Updated the conditions for FMAX specs.
• In "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)", added spec
"FMAX_33_F" with max frequency 125 MHz.
• In GPIO Output AC electrical specifications, updated spec values and added new
footnotes and figure.
• In "GPIO DC electrical specifications, 3.3V Range (2.97V - 3.63V)" and "GPIO DC
electrical specifications, 5.0V (4.5V - 5.5V)", updated the max and min values of
ILKG parameters.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
140 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com