Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 144 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 144 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 164 page
background image
Document ID
Release date
Description
S32K3XX v.7.0
April 2023
• Updated caution in overview and updated feature comparison.
• In "S32K3xx chip's feature comparison" section clarified via footnote that
S32K388 supports QuadSPI SDR modes only.
• Updated S32K312 and S32K388 block diagram.
• QFP package references updated to HDQFP.
• In section "Absolute maximum ratings" added footnote to VDD_DCDC as
"Voltage at VDD_DCDC cannot be higher than VDD_HV_A".
• In section "Voltage and current operating requirements" added footnote to V15
as "Min and Max values are applicable only for non-SMPS mode where V15 is
sourced externally".
• Updated descriptions and condition in following sections:
— Boot time, HSE firmware not installed
— Boot time, HSE firmware installed
— HSE firmware memory verification time examples
• In section "Recommended Decoupling Capacitors" updated variants for COUT
V11.
• In section "V15 regulator (SMPS option) electrical specifications" added
CBULK_SMPS.
• In section "V15 regulator (BJT option, NPN ballast transistor control) electrical
specifications" added V15 input.
• In section "SAR ADC" updated paragraph "All below specs are applicable...".
and added footnote to TUE as "Spec valid if potential difference between
VDD_HV_A.." and figure updated to show VDD_HV_A instead of VREFH.
• In LPCMP section changed ACMP0 to LPCMP0.
• In PLL added paragraph to mention Auxiliary PLL applicability and footnote
updated to mention "Accumulated jitter specification is not valid with SSCG".
• In PLL added CLKIN_VIL_EXTAL_BYPASS and CLKIN_VIH_EXTAL_BYPASS
specifications.
• Added section "Communication between two S32K388 devices".
• In section "Ethernet MII (100 Mbps)" updated specification for 10 and 100 Mbps.
• In section "Ethernet RGMII" added paragraph "The following timing specs are
defined at the device".
• In section "MDIO timing specifications" updated MDC3 for GPIO[113]pad of
S32K388.
• Added following QuadSPI modes for S32K388:
— QuadSPI Quad 3.3V SDR 103.33MHz
— QuadSPI Quad 3.3V SDR 125MHz
• In QuadSPI modes, mentioned the applicability to the devices in K3 family.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
144 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com