Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 142 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 138Page - NXP Semiconductors S32K310 Datasheet HTML 139Page - NXP Semiconductors S32K310 Datasheet HTML 140Page - NXP Semiconductors S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 164 page
background image
Document ID
Release date
Description
• In "HSE Firmware memory verification time examples" table, there are some
TBC's. Those will be updated in the next revision as new measurements showed
different timings. There is no major performance degradation to be expected.
• Added information in section "LPSPI 20 MHz and 15MHz combinations",
and removed S32K344 PAD TYPE column from Table. "LPSPI 20 MHz and
15MHz combinations".
• Added new section "LPSPI2 and LPSPI5 20MHz combination for S32K388".
• In "Timing specification for S32K388 to S32K388", updated maximum output load
from 30pF to 50pF.
• In "Ethernet RGMII", updated footnote to "Output timing valid for maximum
external load CL = 13.5 pF (includes PCB trace, package trace (around 2pF) and
flash input load)...."
• In "QuadSPI Octal 3.3V DDR 120MHz", for spec "fSCK_DQS", updated condition
from "DLL and Auto-Learning mode enabled" to "DLL enabled"
• In section "uSDHC SDR electrical specifications":
— Updated description for "fpp" spec.
— Updated condition for "tOD" with description "SDHC Output
delay(Output valid)"
— Added 2 rows of spec "tOD" with value "-5.6" and description ""fpp= 25 MHz,
400 KHz,..." and "fpp= 50 MHz, SDHC_ CLK to SDHC_CMD".
— Updated min value for spec "tIH" to 2 ns.
— Removed footnote " In low speed mode, card clock must be lower than 400
kHz, voltage ranges from 2.7V to 3.6V."
• In '"uSDHC" modes :
— Added information "Data transitions measured at 25%/62.5% at 3.3V for the
write path. Data transitions measured at mid-supply for the read path. Clock
transitions measured at mid-supply."
— Removed footnote "Input timing assumes an input signal slew rate of 3ns
(20%/80%)" from "uSDHC SDR electrical specifications" and "uSDHC DDR
electrical specifications" table. Added input transition of 1ns (20%/80%)
information to top of the table.
• In section "uSDHC DDR electrical specifications", removed spec "fpp" with
description "Clock frequency (SD3.0 DDR)".
• In uSDHC SDR and uSDHC DDR electrical specifications updated footnote to
"Output timing valid for maximum external load CL = 25 pF..."
Document ID
Release date
Description
S32K3XX v.8.1
November 2023
• Updated "supply currents" for "S32K344, S32K324, S32K314, S32K342,
S32K322, S32K341 and S32K312".
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
142 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com