Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 146 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors S32K310 Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 164 page
background image
Document ID
Release date
Description
— Added Support to AES accelerator(for K388 only)
— Removed I3C instances.
• Added S32K310 and S32K388 block diagram and updated others to remove
I3C.
• Updated "Feature comparison".
• Updated "Ordering information".
• In "Absolute maximum ratings":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and changed
max value to 2.75V for S32K358.
— Added symbol "V11" for S32K388.
• In "Voltage and current operating requirements":
— Added symbol "V15" as "Voltage sensing input" for S32K388 and
updated conditions for V15 and V15_extended. Also added a footnote to
V15_extended as You must ensure that the junction temperature"...".
— Added symbol "V11" for S32K388.
— Updated link to download hardware design guidelines document.
• In section "Thermal operating characteristics" added sentence as "For
S32K388, applications running at 125°C Tamb.....".
• Added S32K388 power management diagram and added other variants to
diagrams as applicable.
• In section "Power mode transition operating behavior, added condition for
tMODE_STDBYEXIT_FAST as "FIRC ON @48MHz in Standby mode".
• In section "Supply monitoring" added sentence as "Certain monitors are present
on certain...".
• In section "Recommended Decoupling Capacitors" added COUT_V11 for
S32K388 and updated decoupling capacitor diagrams.
• Section "SMPS regulator electrical specifications" changed to "V15 regulator
(SMPS option) electrical specifications" and following changes done:
— Added paragraphs at the begining of table as:
◦ "Some devices (S32K358, S32K348, S32K338, and S32K328)...."
◦ "The table below describes the electrical parameters for the
components needed to implement an SMPS...."
◦ Updated existing to include inductor "The chip hardware design
guidelines document lists the recommended...".
◦ Added figure, removed redundant sentence "The table below
describes the electrical parameters.." and updated part numbers.
— Added "External Schottky diode average forward current" as 2A.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
146 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com