Electronic Components Datasheet Search
  English  ▼

X  

S32K310 Datasheet(PDF) 145 Page - NXP Semiconductors

Part # S32K310
Description  Supports S32K344, S32K324, S32K314, S32K312, S32K311, S32K310, S32K341, S32K342, S32K322, S32K328, S32K338, S32K348, S32K356, S32K358, S32K388 and S32K389. Data is preliminary for S32K312 and S32K344 100LQFP only.
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

S32K310 Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button S32K310 Datasheet HTML 141Page - NXP Semiconductors S32K310 Datasheet HTML 142Page - NXP Semiconductors S32K310 Datasheet HTML 143Page - NXP Semiconductors S32K310 Datasheet HTML 144Page - NXP Semiconductors S32K310 Datasheet HTML 145Page - NXP Semiconductors S32K310 Datasheet HTML 146Page - NXP Semiconductors S32K310 Datasheet HTML 147Page - NXP Semiconductors S32K310 Datasheet HTML 148Page - NXP Semiconductors S32K310 Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 164 page
background image
Document ID
Release date
Description
• In "Debug trace timing specifications" section added row for 125 MHz for
S32K388.
• Updated "Thermal characteristics" to add information on Thermal design and
characteristics.
Document ID
Release date
Description
S32K3XX v.6.0
November 2022
• Added S32K388 decoupling capacitor diagrams.
• In section "Power mode transition operating behavior" tMODE_STDBYEXIT time
is added as 80 us.
• In "V15 regulator (SMPS option) electrical specifications" section changed V15
output supply from 1.51V to 1.5V.
• In "5.0V (4.5V - 5.5V) GPIO Output AC Specification"
— TR_TF_50_F with condition DSE=1, SRE=0, Capacitance=25pF changed
from 0.9 to 1.9 ns.
— TR_TF_50_F with condition DSE=0, SRE=0, Capacitance=50pF changed
from 5.3 to 6.0 ns.
— TR_TF_50_F with condition DSE=0, SRE=1, Capacitance=50pF changed
from 7.7 to 9.0 ns.
— TR_TF_50_F with condition DSE=1, SRE=1, Capacitance=50pF changed
from 5.1 to 6.5 ns.
• In "3.3V (2.97V - 3.63V) GPIO Output AC Specification"
— TR_TF_33_F with condition DSE=0, SRE=0, Capacitance=25pF changed
from 4 to 4.5 ns.
— TR_TF_33_F with condition DSE=1, SRE=0, Capacitance=25pF changed
from 2 to 2.5 ns.
— TR_TF_33_F with condition DSE=0, SRE=0, Capacitance=50pF changed
from 7 to 8 ns.
• In section "Fast External Oscillator (FXOSC)" added EXTAL_SWING_PP and
VSB specs and related footnote.
Document ID
Release date
Description
S32K3XX v.5.2
October 2022
• Added S32K310 and S32K388 where applicable.
• Updated "overview".
• In "features":
— Updated M7 support upto 300 MHz.
— Updated Ethernet instance from one to two.
Table continues on the next page...
NXP Semiconductors
S32K3XX
S32K3xx Data Sheet
S32K3XX
All information provided in this document is subject to legal disclaimers.
© 2025 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 12 November 2025
Document feedback
145 / 164



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com