Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 113 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 113 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 109Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 117Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
113
DIGITAL AUDIO INTERFACE CONTROL
The register bits controlling audio data format, word length, left/right channel data source and TDM
are summarised in Table 59.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
AIFADCL_SRC
0b
Left ADC Data Source Select
0 = Left ADC data is output on left channel
1 = Right ADC data is output on left channel
14
AIFADCR_SRC
1b
Right ADC Data Source Select
0 = Left ADC data is output on right channel
1 = Right ADC data is output on right
channel
13
AIFADC_TDM
0b
ADC TDM Enable
0 = Normal ADCDAT operation
1 = TDM enabled on ADCDAT
12
AIFADC_TDM_
CHAN
0b
ADCDAT TDM Channel Select
0 = ADCDAT outputs data on slot 0
1 = ADCDAT output data on slot 1
8
AIF_BCLK_INV
0b
BCLK Invert
0 = BCLK not inverted
1 = BCLK inverted
Right, left and I2S modes – LRCLK polarity
0 = normal LRCLK polarity
1 = invert LRCLK polarity
7
AIF_LRCLK_IN
V
0b
DSP Mode – mode A/B select
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
6:5
AIF_WL
[1:0]
10b
Digital Audio Interface Word Length
00 = 16 bits
01 = 20 bits
10 = 24 bits
11 = 32 bits
Note - see “Companding” for the selection of
8-bit mode
R4 (04h)
4:3
AIF_FMT
[1:0]
10b
Digital Audio Interface Format
00 = Right justified
01 = Left justified
10 = I2S Format
11 = DSP Mode
15
DACL_SRC
0b
Left DAC Data Source Select
0 = Left DAC outputs left channel data
1 = Left DAC outputs right channel data
14
DACR_SRC
1b
Right DAC Data Source Select
0 = Right DAC outputs left channel data
1 = Right DAC outputs right channel data
12
AIFDAC_TDM
0b
DAC TDM Enable
0 = Normal DACDAT operation
1 = TDM enabled on DACDAT
R5 (05h)
13
AIFDAC_TDM_
CHAN
0b
DACDAT TDM Channel Select
0 = DACDAT data input on slot 0
1 = DACDAT data input on slot 1
Table 59 Audio Data Format Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com