Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 110Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 111Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 112Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 113Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 114Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 115Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 116Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
114
AUDIO INTERFACE OUTPUT AND GPIO TRISTATE
Register bit AIF_TRIS can be used to tristate the audio interface and GPIO pins as described in
Table 60.
All GPIO[6:1] pins and digital audio interface pins will be tristated by this function, regardless of the
state of other registers which control these pin configurations.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9 (09h)
13
AIF_TRIS
0
Audio Interface and GPIO Tristate
0 = Audio interface and GPIO pins operate normally
1 = Tristate all audio interface and GPIO pins
Table 60 Tri-stating the Audio Interface and GPIO Pins
MASTER MODE BCLK, ADCLRC AND DACLRC ENABLE
The main audio interface pins (BCLK, ADCLRC, ADCDAT, DACLRC and DACDAT) and the
alternative DAC interface pins (BCLK2, DACLRC2, DACDAT2) can be independently programmed to
operate in master mode or slave mode using register bits AIF_MSTR1 and AIF_MSTR2.
When the main audio interface is operating in slave mode, the BCLK, ADCLRC and DACLRC clock
outputs to these pins are by default disabled to allow the digital audio source to drive these pins.
Similarly, when the alternative audio interface is operating in slave mode, the BCLK2 and DACLRC2
clock outputs to these pins are by default disabled.
It is also possible to force the ADCLRC, DACLRC or DACLRC2 to be output using register bits
ADCLRC_DIR and DACLRC_DIR, allowing mixed master and slave modes for the ADCs or the
active DAC audio interface. The active audio interface is selected by register bit AIF_SEL. Enabled
clock outputs on the de-selected audio interface will output logic 0.
When ADCLRC is configured as a GPIO pin (ALRCGPIO1=1), the DACLRC pin is used for the ADCs
and the DACs and will only be disabled in master mode when both ADCs and both DACs are
disabled.
The clock generators for the audio interface are enabled according to the control signals shown in
Figure 78.
Figure 78 Clock Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com