Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 126 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 126 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 130Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
126
EXAMPLE PLL CALCULATION
To generate 12.288MHz SYSCLK from a 12MHz reference clock:
There is a fixed divide by 4 at the PLL output (see Figure 81) followed by a selectable divide by 2 in
the same path. PLL output f2 should be set in the range 90MHz - 100MHz. Enabling the divide by 2
(MCLK_DIV = 10b) sets the required f2 = 4 x 2 x 12.288MHz = 98.304MHz.
There is a selectable pre-scale (divide MCLK by 2) at the PLL input (f1 - see Figure 75). The PLL
frequency ratio f2/f1 must be set in the range 5 - 13. Disabling the MCLK pre-scale (PRESCALE = 0b)
sets the required ratio f2/f1 = 8.192.
The required settings for this example are:
•
MCLK_DIV = 10b
•
PRESCALE = 0b
•
PLL_ENA = 1
•
SDM = 1
•
PLLN = 8 = 8h
•
PLLK = 0.192 = 3126h
EXAMPLE PLL SETTINGS
Table 74 provides example PLL settings for generating common SYSCLK frequencies from a variety
of MCLK reference frequencies.
MCLK
(MHZ)
SYSCLK
(MHZ)
MCLKDIV
F2
= SYSCLK * 4 *
MCLKDIV
PRESCALE
F1
= MCLK/
PRESCALE
R
= F2/F1
N
K
12
11.2896
2
90.3168
1
12
7.5264
7h
86C2h
12
12.288
2
98.304
1
12
8.192
8h
3126h
13
11.2896
2
90.3168
1
13
6.947446
6h
F28Bh
13
12.288
2
98.304
1
13
7.561846
7h
8FD5h
14.4
11.2896
2
90.3168
1
14.4
6.272
6h
45A1h
14.4
12.288
2
98.304
1
14.4
6.826667
6h
D3A0h
19.2
11.2896
2
90.3168
2
9.6
9.408
9h
6872h
19.2
12.288
2
98.304
2
9.6
10.24
Ah
3D70h
19.68
11.2896
2
90.3168
2
9.84
9.178537
9h
2DB4h
19.68
12.288
2
98.304
2
9.84
9.990243
9h
FD80h
19.8
11.2896
2
90.3168
2
9.9
9.122909
9h
1F76h
19.8
12.288
2
98.304
2
9.9
9.929697
9h
EE00h
24
11.2896
2
90.3168
2
12
7.5264
7h
86C2h
24
12.288
2
98.304
2
12
8.192
8h
3126h
26
11.2896
2
90.3168
2
13
6.947446
6h
F28Bh
26
12.288
2
98.304
2
13
7.561846
7h
8FD5h
27
11.2896
2
90.3168
2
13.5
6.690133
6h
B0ACh
27
12.288
2
98.304
2
13.5
7.281778
7h
4822h
Table 74 PLL Frequency Examples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com