Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 124 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 124 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 128Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
124
CLASS D SWITCHING CLOCK
The Class D switching clock is derived from SYSCLK as determined by register field DCLKDIV as
described in Table 70. This clock should be set to between 700kHz and 800kHz for optimum
performance. The class D switching clock should not be disabled when the speaker output is active,
as this will prevent the speaker outputs from functioning. The class D switching clock frequency
should not be altered while the speaker output is active as this may generate an audible click.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
8:6
DCLKDIV
[2:0]
111b
Class D Clock Divider
000 = SYSCLK
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
Table 70 DCLK Control
TOCLK CONTROL
A slow clock (TOCLK) is derived from SYSCLK to enable input de-bouncing and volume update
timeout functions. This clock is enabled by register bit TOCLK_ENA, and its frequency is controlled
by TOCLK_RATE, as described in Table 71.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
15
TOCLK_RATE
0b
Timeout Clock Rate
(Selects clock to be used for volume
update timeout and GPIO input de-
bounce)
0 = SYSCLK / 221 (Slower Response)
1 = SYSCLK / 219 (Faster Response)
R6 (06h)
14
TOCLK_ENA
0b
Timeout Clock Enable
(This clock is required for volume update
timeout and GPIO input de-bounce)
0 = disabled
1 = enabled
Table 71 TOCLK Control
USB MODE
It is possible to reduce power consumption by disabling the PLL in some applications. One such
application is when SYSCLK is generated from a 12MHz USB clock source. Setting the
AIF_LRCLKRATE bit as described earlier (see “ADC / DAC Sample Rates”) allows a sample rate
close to 44.1kHz to be generated with no additional PLL power consumption.
In this configuration, SYSCLK must be driven directly from MCLK (or MCLK2) and by disabling the
PLL. This is achieved by setting SYSCLK_SRC=0, PLL_ENA=0.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
Table 72 USB Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com