Electronic Components Datasheet Search
  English  ▼

X  

WM8991 Datasheet(PDF) 121 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 121 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 117Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 125Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
121
The AIF_LRCLKRATE field must be set as described in Table 66 to ensure correct operation of
internal functions according to the SYSCLK / Fs ratio. Table 67 describes the available sample rates
using four different common MCLK frequencies.
In Normal mode, the programmable division set by ADC_CLKDIV must ensure that a 256 * ADC Fs
clock is generated for the ADC DSP. DAC_CLKDIV must ensure that a 256 * DAC Fs clock is
generated for the DAC DSP.
In USB mode, the programmable division set by ADC_CLKDIV must ensure that a 272 * ADC Fs
clock is generated for the ADC DSP. DAC_CLKDIV must ensure that a 272 * DAC Fs clock is
generated for the DAC DSP.
Note that in USB mode, the ADC / DAC sample rates do not match exactly with the commonly used
sample rates (e.g. 44.118 kHz instead of 44.100 kHz). At most, the difference is less than 0.5%.
Data recorded at 44.100 kHz sample rate and replayed at 44.118 kHz will experience a slight (sub
0.5%) pitch shift as a result of this difference. Note also that the USB mode cannot be used to
generate a 48kHz samples rate from a 12MHz MCLK; the PLL should be used in this case.
In low sample rate modes (eg. 8kHz voice), the SNR is liable to be degraded if the typical 64fs DAC
clocking rate is used (see Figure 81). In this case, it may be possible to improve the SNR by raising
the DAC clocking rate by setting the DAC_SDMCLK_RATE register field, causing the DAC clocking
rate to be set equal to SYSCLK/4. The DAC_CLKDIV field must still be set as described above to
derive the correct clock for the DAC DSP. In 8kHz voice applications, in systems where SYSCLK >
256fs (or 272fs when applicable), setting DAC_SDMCLK_RATE will result in the SNR performance
being improved. Note that setting DAC_SDMCLK_RATE will result in an increase in power
consumption.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:5
ADC_CLKDIV
[2:0]
000b
ADC Sample Rate Divider
000 = SYSCLK / 1.0
001 = SYSCLK / 1.5
010 = SYSCLK / 2.0
011 = SYSCLK / 3.0
100 = SYSCLK / 4.0
101 = SYSCLK / 5.5
110 = SYSCLK / 6.0
111= Reserved
R7 (07h)
4:2
DAC_CLKDIV
[2:0]
000b
DAC Sample Rate Divider
000 = SYSCLK / 1.0
001 = SYSCLK / 1.5
010 = SYSCLK / 2.0
011 = SYSCLK / 3.0
100 = SYSCLK / 4.0
101 = SYSCLK / 5.5
110 = SYSCLK / 6.0
111= Reserved
12
DAC_SDMCLK_R
ATE
0b
DAC clocking rate
0 = Normal operation (64fs)
1 = SYSCLK/4
R10 (0Ah)
10
AIF_LRCLKRATE
0b
LRCLK Rate
0 = Normal mode (256 * fs)
1 = USB mode (272 * fs)
Table 66 ADC / DAC Sample Rate Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com